Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BATT-TPLCABLE20 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BATT-TPLCABLE20
Description  RD33775ACNCEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BATT-TPLCABLE20 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BATT-TPLCABLE20 Datasheet HTML 3Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 4Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 5Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 6Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 7Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 8Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 9Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 10Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NXP Semiconductors
UM11746
RD33775ACNCEVB
aaa-045375
CAN_TXD
CAN_RXD
CAN_STB
CAN_TXD
TXD
VREG
C47
C44
C45
4.7 µF
0.1 µF
R109
0
Ω
R10
DNP
FL2
0
Ω
0.1 µF
C46
0.1 µF
VBAT
VSS
VREG
CANH
n.c.
CANL
ERR
INH
RXD
EN
STB
WAKE
VREG
R112
10 k
Ω
R110
60.4
Ω
R111
60.4
Ω
R84
DNP
D13
PESD2CANFD27L-T
R86
DNP
C48
4700 pF
2
15
10 3 5
13
2
1
3
1
2
2
3
1
1
2
4
11
12
8
7
1
4
6
14
9
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
CANH
CANL
CANH and CANL are differential signals
route symmetrical
CANH
CANL
VSS
VSS
CAN_RXD
CAN_STB
CAN_INH
CAN_INH
TJA1443ATK
Figure 3. CAN transceiver interface
Check the need of external 120 Ω termination when interfacing CAN tools to
RD33775ACNCEVB. If necessary, populate R84 and R86 with 60 Ω resistors.
CFG0, CFG1, ID0_STB_OD, ID1, ID2, and ID3 pins are important for communicating
with MC33665A via CAN or CAN FD. CFG0 and CFG1 are used for setting baud rate
for CAN or arbitration baud rate for CAN FD. ID0_STB_OD, ID1, ID2, and ID3 are
used to set the CAN ID for communicating with MC33665A. Refer to the data sheet of
MC33665A before setting the CAN ID to MC33665A. See Table 1 for setting of pin CFG0
and pin CFG1 of MC33665A.
CFG1
CFG0
Baud rate (CAN or CAN FD arbitration)
0
0
250 kbit/s
0
1
500 kbit/s (default configuration)
1
0
1 Mbit/s
1
1
reserved
Table 1. CFG pins of MC33665A
Figure 4 shows the interface circuit of MC33665A for setting the CFG0, CFG1,
ID0_STB_OD, ID1, ID2, and ID3 pins. Pull-up resistors and pull-down resistors can be
populated appropriately on RD33775ACNCEVB to set the respective pins of MC33665A
HIGH or LOW.
UM11746
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
7 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com