Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BATT-TPLCABLE20 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BATT-TPLCABLE20
Description  RD33775ACNCEVB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BATT-TPLCABLE20 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BATT-TPLCABLE20 Datasheet HTML 5Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 6Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 7Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 8Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 9Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 10Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 11Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 12Page - NXP Semiconductors BATT-TPLCABLE20 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NXP Semiconductors
UM11746
RD33775ACNCEVB
Pin number
Connection
Description
1
VBAT
connection to 12 V
2
CANH
used for CANH interface for external communication
3
CANL
used for CANL interface for external communication
4
GND
ground connection for MC33665A and interface boards
Table 2. Power and CAN connector - J25
Pin number
Connection
Description
1
TPL1_P
daisy chain port 1 positive
2
TPL1_N
daisy chain port 1 negative
Table 3. Daisy chain TPL port 1 - J2
Pin number
Connection
Description
1
GND_B1
ground for MC33775A B1
2
B1_NTC7
temperature measurement; NTC7 for MC33775A B1
3
GND_B1
ground for MC33775A B1
4
B1_NTC6
temperature measurement; NTC6 for MC33775A B1
5
GND_B1
ground for MC33775A B1
6
B1_NTC2
temperature measurement; NTC2 for MC33775A B1
7
GND_B1
ground for MC33775A B1
8
B1_NTC1
temperature measurement; NTC1 for MC33775A B1
9
GND_B1
ground for MC33775A B1
10
GND_B1
ground for MC33775A B1
11
B1_C1P
cell 1 positive for MC33775A B1
12
B1_C1M
cell 1 negative for MC33775A B1
13
B1_C3P
cell 3 positive for MC33775A B1
14
B1_C2P
cell 2 positive for MC33775A B1
15
B1_C5P
cell 5 positive for MC33775A B1
16
B1_C4P
cell 4 positive for MC33775A B1
17
B1_C7P
cell 7 positive for MC33775A B1
18
B1_C6P
cell 6 positive for MC33775A B1
19
B1_C9P
cell 9 positive for MC33775A B1
20
B1_C8P
cell 8 positive for MC33775A B1
21
B1_C11P
cell 11 positive for MC33775A B1
22
B1_C10P
cell 10 positive for MC33775A B1
23
B1_C13P
cell 13 positive for MC33775A B1
Table 4.  Cell terminal and temperature - J1
UM11746
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
9 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com