Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8309CVMADDCA Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC8309CVMADDCA Datasheet HTML 19Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 20Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 21Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 22Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 23Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 24Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 25Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 26Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
23
Ethernet and MII Management
8.2
MII and RMII AC Timing Specifications
The AC timing specifications for MII and RMII are presented in this section.
8.2.1
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
8.2.1.1
MII Transmit AC Timing Specifications
The following table provides the MII transmit AC timing specifications.
Table 19. MII and RMII DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 3.3 V
OVDD
—3
3.6
V
Output high voltage
VOH
IOH = –4.0 mA
OVDD =Min
2.40
OVDD +0.3
V
Output low voltage
VOL
IOL = 4.0 mA
OVDD = Min
GND
0.50
V
Input high voltage
VIH
——
2.0
OVDD +0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input current
IIN
0 V
 VIN  OVDD
—±5
A
Table 20. MII Transmit AC Timing Specifications
At recommended operating conditions with OVDD of 3.3 V ± 300mV.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
TX_CLK clock period 10 Mbps
tMTX
—400
—
ns
TX_CLK clock period 100 Mbps
tMTX
—40—
ns
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
1
5
15
ns
TX_CLK data clock rise VIL(max) to VIH(min)
tMTXR
1.0
—
4.0
ns
TX_CLK data clock fall VIH(min) to VIL(max)
tMTXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII transmit
timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general,
the clock reference symbol representation is based on two to three letters representing the clock of a particular functional.
For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter convention is
used with the appropriate letter: R (rise) or F (fall).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com