Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8309CVMADDCA Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPC8309CVMADDCA Datasheet HTML 71Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 72Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 73Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 74Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 75Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 76Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 77Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 78Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
75
System Design Information
lifetime of the package. Recommended maximum force on the top of the package is 10 lb (4.5 kg) force.
If an adhesive attachment is planned, the adhesive should be intended for attachment to painted or plastic
surfaces and its performance verified under the application requirements.
24.2.1
Experimental Determination of the Junction Temperature with a
Heat Sink
When heat sink is used, the junction temperature is determined from a thermocouple inserted at the
interface between the case of the package and the interface material. A clearance slot or hole is normally
required in the heat sink. Minimizing the size of the clearance is important to minimize the change in
thermal performance caused by removing part of the thermal interface to the heat sink. Because of the
experimental difficulties with this technique, many engineers measure the heat sink temperature and then
back calculate the case temperature using a separate measurement of the thermal resistance of the
interface.
From this case temperature, the junction temperature is determined from the junction-to-case thermal
resistance using the following equation:
TJ = TC +(RJC  PD)
Eqn. 5
where:
TC = case temperature of the package (C)
RJC = junction-to-case thermal resistance (C/W)
PD = power dissipation (W)
25 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC8309.
25.1
System Clocking
The MPC8309 includes three PLLs.
•
The system PLL (AVDD2) generates the system clock from the externally supplied SYS_CLK_IN
input. The frequency ratio between the system and SYS_CLK_IN is selected using the system PLL
ratio configuration bits as described in Section 23.4, “System PLL Configuration.”
•
The e300 core PLL (AVDD3) generates the core clock as a slave to the system clock. The frequency
ratio between the e300 core clock and the system clock is selected using the e300 PLL ratio
configuration bits as described in Section 23.5, “Core PLL Configuration.”
•
The QUICC Engine PLL (AVDD1) which uses the same reference as the system PLL. The QUICC
Engine block generates or uses external sources for all required serial interface clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com