Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8309CVMADDCA Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC8309CVMADDCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDCA Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC8309CVMADDCA Datasheet HTML 39Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 40Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 41Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 42Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 43Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 44Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 45Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 46Page - NXP Semiconductors MPC8309CVMADDCA Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
43
I2C
The following figure provides the AC test load for the I2C.
Figure 32. I2C AC Test Load
The following figure shows the AC timing diagram for the I2C bus.
Figure 33. I2C Bus AC Timing Diagram
Fall time of both SDA and SCL signals
tI2CF
20 + 0.1 CB4
300
ns
Setup time for STOP condition
tI2PVKH
0.6
—
s
Bus free time between a STOP and START condition
tI2KHDX
1.3
—
s
Noise margin at the LOW level for each connected device (including
hysteresis)
VNL
0.1
 OVDD
—V
Noise margin at the HIGH level for each connected device (including
hysteresis)
VNH
0.2
 OVDD
—V
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tI2DVKH symbolizes I2C timing (I2)
with respect to the time data input signals (D) reach the valid state (V) relative to the tI2C clock reference (K) going to the high
(H) state or setup time. Also, tI2SXKL symbolizes I2C timing (I2) for the time that the data with respect to the start condition
(S) went invalid (X) relative to the tI2C clock reference (K) going to the low (L) state or hold time. Also, tI2PVKH symbolizes I2C
timing (I2) for the time that the data with respect to the stop condition (P) reaching the valid state (V) relative to the tI2C clock
reference (K) going to the high (H) state or setup time. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
2. MPC8309 provides a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
3. The maximum tI2DVKL has only to be met if the device does not stretch the LOW period (tI2CL) of the SCL signal.
4. CB = capacitance of one bus line in pF.
Table 44. I2C AC Electrical Specifications (continued)
All values refer to VIH (min) and VIL (max) levels (see Table 43).
Parameter
Symbol1
Min
Max
Unit
Output
Z0 = 50 
OVDD/2
RL = 50 
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com