Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8309CVMAGFCA Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC8309CVMAGFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFCA Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC8309CVMAGFCA Datasheet HTML 24Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 25Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 26Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 27Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 28Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 29Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 30Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 31Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
28
Freescale Semiconductor
Ethernet and MII Management
The following figure shows the MII management AC timing diagram.
Figure 17. MII Management Interface Timing Diagram
8.3.3
IEEE 1588DC Specifications
The IEEE 1588 DC timing specifications are given in the following table.
MDC to MDIO delay
tMDKHDX
10
—
70
ns
—
MDIO to MDC setup time
tMDDVKH
8.5
—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
MDC rise time
tMDCR
—
—
10
ns
—
MDC fall time
tMDHF
—
—
10
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes
management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data
hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the
valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the
latter convention is used with the appropriate letter: R (rise) or F (fall).
Table 26. IEEE 1588 DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
unit
Output high voltage
VOH
IOH = -8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2mA
—
0.4
V
Table 25. MII Management AC Timing Specifications (continued)
At recommended operating conditions with OVDD is 3.3 V ± 300mV.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
Note
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com