| Electronic Components Datasheet Search |
|
MPC8309CVMAGFCA Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8309CVMAGFCA Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 81 page ![]() MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3 Freescale Semiconductor 7 Electrical Characteristics • IO Sequencer • Direct memory access (DMA) controller (DMA Engine 2) — Four independent fully programmable DMA channels — Concurrent execution across multiple channels with programmable bandwidth control — Misaligned transfer capability for source/destination address — Data chaining and direct mode — Interrupt on completed segment, error, and chain • DUART — Supports 2 DUART — Each has two 2-wire interfaces (RxD, TxD) – The same can be configured as one 4-wire interface (RxD, TxD, RTS, CTS) — Programming model compatible with the original 16450 UART and the PC16550D • Serial peripheral interface (SPI) — Master or slave support • Power managemnt controller (PMC) — Supports core doze/nap/sleep/ power management — Exits low power state and returns to full-on mode when – The core internal time base unit invokes a request to exit low power state – The power management controller detects that the system is not idle and there are outstanding transactions on the internal bus or an external interrupt. • Parallel I/O — General-purpose I/O (GPIO) – 56 parallel I/O pins multiplexed on various chip interfaces – Interrupt capability • System timers — Periodic interrupt timer — Software watchdog timer — Eight general-purpose timers • Real time clock (RTC) module — Maintains a one-second count, unique over a period of thousands of years — Two possible clock sources: – External RTC clock (RTC_PIT_CLK) – CSB bus clock • IEEE Std. 1149.1™ compliant JTAG boundary scan 2 Electrical Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC8309. The MPC8309 is currently targeted to these specifications. Some of these specifications are |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |