Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8309CVMAGFCA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC8309CVMAGFCA
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMAGFCA Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC8309CVMAGFCA Datasheet HTML 1Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 2Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 3Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 4Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 5Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMAGFCA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
4
Freescale Semiconductor
Overview
For more information on QUICC Engine sub-modules, see QUICC Engine Block Reference
Manual with Protocol Interworking.
•
DDR SDRAM memory controller
— Programmable timing supporting DDR2 SDRAM
— Integrated SDRAM clock generation
— Supports 8-bit ECC
— 16/32-bit data interface, up to 333-MHz data rate
— 14 address lines
— The following SDRAM configurations are supported:
– Up to two physical banks (chip selects), 512-Mbyte addressable space for 32 bit data
interface
– 64-Mbit to 2-Gbit devices with x8/x16/x32 data ports (no direct x4 support)
— One 16-bit device or two 8-bit devices on a 16-bit bus, or two 16-bit devices or four 8-bit
devices on a 32-bit bus Support for up to 16 simultaneous open pages for DDR2
— Two clock pair to support up to 4 DRAM devices
— Supports auto refresh
— On-the-fly power management using CKE
•
Enhanced local bus controller (eLBC)
— Multiplexed 26-bit address and 8-/16-bit data operating at up to 66 MHz
— Eight chip selects supporting eight external slaves
– Four chip selects dedicated
– Four chip selects offered as multiplexed option
— Supports boot from parallel NOR Flash and parallel NAND Flash
— Supports programmable clock ratio dividers
— Up to eight-beat burst transfers
— 16- and 8-bit ports, separate LWE for each 8 bit
— Three protocol engines available on a per chip select basis:
– General-purpose chip select machine (GPCM)
– Three user programmable machines (UPMs)
– NAND Flash control machine (FCM)
— Variable memory block sizes for FCM, GPCM, and UPM mode
— Default boot ROM chip select with configurable bus width (8 or 16)
— Provides two Write Enable signals to allow single byte write access to external 16-bit eLBC
slave devices
•
Integrated programmable interrupt controller (IPIC)
— Functional and programming compatibility with the MPC8260 interrupt controller
— Support for external and internal discrete interrupt sources
— Programmable highest priority request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com