Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFM-60CF Datasheet(PDF) 8 Page - Same Sky Devices

Part # CFM-60CF
Description  DC AXIAL FAN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CFM-60CF Datasheet(HTML) 8 Page - Same Sky Devices

Back Button CFM-60CF Datasheet HTML 2Page - Same Sky Devices CFM-60CF Datasheet HTML 3Page - Same Sky Devices CFM-60CF Datasheet HTML 4Page - Same Sky Devices CFM-60CF Datasheet HTML 5Page - Same Sky Devices CFM-60CF Datasheet HTML 6Page - Same Sky Devices CFM-60CF Datasheet HTML 7Page - Same Sky Devices CFM-60CF Datasheet HTML 8Page - Same Sky Devices CFM-60CF Datasheet HTML 9Page - Same Sky Devices CFM-60CF Datasheet HTML 10Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SAME SKY | SERIES: CFM-60CF | DESCRIPTION: DC AXIAL FAN
date 11/03/2025 | page 8 of 10
sameskydevices.com
APPLICATION NOTES
Figure 1: Tachometer
Output Circuit
Figure 2: Tachometer
Output Waveform
Output Type: Open Collector
Vs: (VFG)
5 V fan: 3.3~5 V
All others: 3.3~15 V
Ic≤5 mA
R≥Vs/Ic
VCE(sat)≤0.5 V
4 Pole Motor
N=RPM
T=60/N (sec)
FG=1/T*2 (Hz)
N=FG*30
Locked Rotor Protection/Auto Restart
At rated voltage, the current will be reduced or shut down to protect the motor from damage in 72 hours of locked rotor condition. When the
fan motor is locked by an external force, the device will temporarily turn off electrical power to the motor and restart automatically when the
locked rotor condition is released.
Tachometer Signal (Yellow Wire)
The tachometer signal is for detecting the rotational speed of the fan motor. The output will be a square wave when fan is operating and
VFG or VCE depending on the locked rotor position when fan motor is locked (See Figures 1~2 below).
Polarity Protection
Able to withstand 10 minutes of reverse polarity connection between the positive and negative wires without causing damage.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com