Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFM-60CF Datasheet(PDF) 2 Page - Same Sky Devices

Part # CFM-60CF
Description  DC AXIAL FAN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CFM-60CF Datasheet(HTML) 2 Page - Same Sky Devices

  CFM-60CF Datasheet HTML 1Page - Same Sky Devices CFM-60CF Datasheet HTML 2Page - Same Sky Devices CFM-60CF Datasheet HTML 3Page - Same Sky Devices CFM-60CF Datasheet HTML 4Page - Same Sky Devices CFM-60CF Datasheet HTML 5Page - Same Sky Devices CFM-60CF Datasheet HTML 6Page - Same Sky Devices CFM-60CF Datasheet HTML 7Page - Same Sky Devices CFM-60CF Datasheet HTML 8Page - Same Sky Devices CFM-60CF Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SAME SKY | SERIES: CFM-60CF | DESCRIPTION: DC AXIAL FAN
date 11/03/2025 | page 2 of 10
sameskydevices.com
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage8
5 Vdc input models
12 Vdc input models
24 Vdc input models
4.5
10.8
21.6
5
12
24
5.5
13.2
26.4
Vdc
Vdc
Vdc
starting voltage
5 Vdc input models
12 Vdc input models
24 Vdc input models
4
7
14
Vdc
Vdc
Vdc
Note:
8. See Model section on page 1 for specific input voltage ranges.
PERFORMANCE9
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 3 minutes
2,500
6,500
RPM
air flow
at 0 inch H
2O, see performance curves
10.74
31.13
CFM
static pressure
at 0 CFM, see performance curves
0.05
0.37
inch H
2O
noise
at 1 m, rated speed
20.0
40.9
dBA
Note:
9. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES10
parameter
conditions/description
min
typ
max
units
auto restart
on all models
polarity protection
on all models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
10. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between housing and positive
terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN/IEC 62368-1:2020+A11)
EMI/EMC
EN 55032:2015, EN 55035:2017
life expectancy
at 40°C, 65% RH, 90% confidence level
40,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
75
°C
operating humidity
non-condensing
35
85
%
storage humidity
non-condensing
35
85
%
PART NUMBER KEY
CFM-6025CF-035-274- XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
22 = tachometer signal / PWM control signal
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com