Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFM-60CF Datasheet(PDF) 1 Page - Same Sky Devices

Part # CFM-60CF
Description  DC AXIAL FAN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CFM-60CF Datasheet(HTML) 1 Page - Same Sky Devices

  CFM-60CF Datasheet HTML 1Page - Same Sky Devices CFM-60CF Datasheet HTML 2Page - Same Sky Devices CFM-60CF Datasheet HTML 3Page - Same Sky Devices CFM-60CF Datasheet HTML 4Page - Same Sky Devices CFM-60CF Datasheet HTML 5Page - Same Sky Devices CFM-60CF Datasheet HTML 6Page - Same Sky Devices CFM-60CF Datasheet HTML 7Page - Same Sky Devices CFM-60CF Datasheet HTML 8Page - Same Sky Devices CFM-60CF Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
date 11/03/2025
page 1 of 10
SERIES: CFM-60CF | DESCRIPTION: DC AXIAL FAN
sameskydevices.com
FEATURES
• omniCOOL™ bearing system
• 60 x 60 mm frame
• multiple speed options
• PWM/tachometer wires available
MODEL
input
voltage
input
current1
input
power1
rated
speed1
airflow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
min
(A)
max
(A)
min
(W)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
typ
(dBA)
CFM-6015CF-025-200
5
4.5~5.5
0.10
0.14
0.50
0.70
2,5006
10.74
0.05
20.0
CFM-6015CF-035-252
5
4.5~5.5
0.21
0.30
1.00
1.50
3,5006
15.38
0.10
25.2
CFM-6015CF-045-322
5
4.5~5.5
0.30
0.45
1.50
2.25
4,5006
20.00
0.16
32.2
CFM-6015CF-050-345
5
4.5~5.5
0.36
0.47
1.80
2.35
5,0006
22.23
0.20
35.4
CFM-6015CF-225-204
24
21.6~26.4
0.02
0.04
0.48
0.96
2,5005
11.01
0.05
20.5
CFM-6015CF-235-278
24
21.6~26.4
0.04
0.06
0.96
1.44
3,5006
15.41
0.09
27.8
CFM-6015CF-245-332
24
21.6~26.4
0.07
0.11
1.68
2.64
4,5006
19.82
0.16
33.2
CFM-6015CF-255-375
24
21.6~26.4
0.10
0.15
2.40
3.60
5,5006
24.22
0.23
37.6
CFM-6025CF-035-274
5
4.5~5.5
0.26
0.39
1.30
1.95
3,500
16.76
0.11
27.5
CFM-6025CF-050-351
5
4.5~5.5
0.34
0.51
1.70
2.55
5,000
23.95
0.22
35.2
CFM-6025CF-135-274
12
10.8~13.2
0.10
0.15
1.20
1.80
3,500
16.76
0.11
27.5
CFM-6025CF-150-351
12
10.8~13.2
0.19
0.29
2.28
3.48
5,000
23.95
0.22
35.2
CFM-6025CF-165-408
12
10.8~13.2
0.33
0.50
3.96
6.00
6,500
31.13
0.37
40.9
CFM-6025CF-235-274
24
21.6~26.4
0.05
0.08
1.20
1.92
3,500
16.76
0.11
27.5
CFM-6025CF-250-351
24
21.6~26.4
0.09
0.14
2.16
3.36
5,000
23.95
0.22
35.2
CFM-6025CF-265-408
24
21.6~26.4
0.15
0.23
3.60
5.52
6,500
31.13
0.37
40.9
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±400 at rated voltage.
6. Typical rated speed is measured as RPM±600 at rated voltage.
7. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model


Similar Part No. - CFM-60CF

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-60C CUID-CFM-60C Datasheet
957Kb / 6P
DC AXIAL FAN
05/04/2023
More results

Similar Description - CFM-60CF

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com