Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL3232IVZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICL3232IVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IVZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICL3232IVZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IVZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
3. Typical Performance Curves
FN4805 Rev.23.00
Page 12 of 36
Apr.26.19
3.
Typical Performance Curves
VCC = 3.3V, TA = 25°C
Figure 1. Transmitter Output Voltage vs Load
Capacitance
Figure 2. Slew Rate vs Load Capacitance
Figure 3. Supply Current vs Load Capacitance when
Transmitting Data
Figure 4. Supply Current vs Load Capacitance when
Transmitting Data
Figure 5. Supply Current vs Load Capacitance when
Transmitting Data
Figure 6. Supply Current vs Supply Voltage
-6
-4
-2
0
2
4
6
1000
2000
3000
4000
5000
0
Load Capacitance (pF)
1 Transmitter at 250kbps
VOUT+
VOUT -
1 or 2 Transmitters at 30kbps
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
5
10
15
20
25
+SLEW
-SLEW
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
20kbps
250kbps
120kbps
ICL3221
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
20kbps
250kbps
120kbps
ICL3222 - ICL3232
0
5
10
15
20
25
30
45
35
40
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
20kbps
250kbps
120kbps
ICL324X
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1.0
1.5
2.0
Supply Voltage (V)
2.5
3.0
3.5
No Load
All Outputs Static
ICL3221 - ICL3232
ICL324X
ICL324X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com