Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK3904LED03-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # TK3904LED03-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TK3904LED03-HF Datasheet(HTML) 3 Page - Comchip Technology

  TK3904LED03-HF Datasheet HTML 1Page - Comchip Technology TK3904LED03-HF Datasheet HTML 2Page - Comchip Technology TK3904LED03-HF Datasheet HTML 3Page - Comchip Technology TK3904LED03-HF Datasheet HTML 4Page - Comchip Technology TK3904LED03-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Purpose Transistors
Page 3
QW-JTR27
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.5 - IC — VBE
Base - Emmiter Voltage , VBE (mV)
Fig.3 - VBEsat ─ IC
Collector Current, Ic (mA)
600
900
1200
300
300
600
1200
900
0.1
1
10
100
200
0.1
10
100
200
Ambient Temperature, Ta (°C)
0
100
150
0
25
50
40
0.1
10
100
1
Fig.6 - fT — IC
1000
Fig.8 - PC — Ta
25
Collector Current , Ic (mA)
50
75
125
Rating And Characteristic Curves (TK3904LED03-HF)
Ta=100°C
Ta=25°C
ß=10
1
Fig.4 - VCEsat — IC
Collector Current , Ic (mA)
Ta=100°C
Ta=25°C
ß=10
0.1
10
100 200
1
100
10
-450uA
VCE=1V
COMMON EMITTER
VCE
=20V
Ta=25°C
COMMON EMITTER
1
10
75
100
125
Reverse Voltage , VR (V)
Fig.7 -
Cob/Cib ─ VCB/VEB
f=1MHZ
IE=0/Ic=0
Ta=25°C
0.1
30
1
10
0.1
1
10
100
Cib
Cob
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com