Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK3904LED03-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # TK3904LED03-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TK3904LED03-HF Datasheet(HTML) 1 Page - Comchip Technology

  TK3904LED03-HF Datasheet HTML 1Page - Comchip Technology TK3904LED03-HF Datasheet HTML 2Page - Comchip Technology TK3904LED03-HF Datasheet HTML 3Page - Comchip Technology TK3904LED03-HF Datasheet HTML 4Page - Comchip Technology TK3904LED03-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
Comchip Technology CO., LTD.
REV:A
QW-JTR27
Company reserves the right to improve product design , functions and reliability without notice.
- Single General-Purpose switching transistor.
Features
0.016(0.40)
Dimensions in inches and (millimeter)
WBFBP-03E/SOT-883
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.004(0.10)
0.000(0.01)
0.022(0.55)
0.018(0.45)
0.025(0.635)
REF.
0.012(0.30)
0.008(0.20)
0.004(0.10)
0.002(0.05)
REF.
0.012(0.30)
0.008(0.20)
0.018(0.45)
REF.
0.015(0.37)
0.011(0.27)
0.002(0.05)
REF.
0.018(0.45)
REF.
0.015(0.37)
0.011(0.27)
Mechanical data
- Mounting position: Any.
- Case: WBFBP-03E/SOT-883 molded plastic
encapsulate diodes.
TK3904LED03-HF (NPN)
RoHS Device
General Purpose Transistor
Halogen Free
Symbol
Parameter
Unit
Value
40
6
V
mA
Maximum Ratings (at TA=25°C unless otherwise noted)
200
60
V
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current-continuous
VCEO
VCBO
VEBO
IC
V
Circuit Diagram
1N
C
E
B
- 1. BASE
- 2. EMITTER
- 3. COLLECTOR
100
-55~150
mW
150
°C
Junction temperature
Collector dissipation
Storage temperature rage
PC
TJ
Tstg
°C
Note1
Note2
590
mW
1250
°C/W
Thermal resistance from junction to ambient
RΘJA
Note1
Note2
212
°C/W
Note: 1. Device mounted on an FR4 PCB, single-side copper, tin-plated and standard footprint.
2. Device mounted on an FR4 PCB, single-side copper, tin-plated, mounting pad for collector 1cm².
1
Base
2
Emitter
Collector
3
Marking: 1N
3
2
1


Similar Part No. - TK3904LED03-HF

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
TK3904LED03 JIANGSU-TK3904LED03 Datasheet
2Mb / 5P
WBFBP-03E Plastic-Encapsulate Transistors
More results

Similar Description - TK3904LED03-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com