Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK3904LED03-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # TK3904LED03-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TK3904LED03-HF Datasheet(HTML) 5 Page - Comchip Technology

  TK3904LED03-HF Datasheet HTML 1Page - Comchip Technology TK3904LED03-HF Datasheet HTML 2Page - Comchip Technology TK3904LED03-HF Datasheet HTML 3Page - Comchip Technology TK3904LED03-HF Datasheet HTML 4Page - Comchip Technology TK3904LED03-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
Comchip Technology CO., LTD.
REV:A
QW-JTR27
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
WBFBP-03E
10,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
TK3904LED03-HF
Marking Code
Part Number
Marking Code
Suggested PAD Layout
1.00 X 0.60 PKG.
0.022(0.55)
2 X 0.50
3 X 0.15
2 X 0.20
(0.008)0.20
1N•
1N
1N = Device code
Solid dot = Pin 1 indicator
General Purpose Transistor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com