Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62P32 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM62P32
Description  AM62Px Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62P32 Datasheet(HTML) 4 Page - Texas Instruments

  AM62P32 Datasheet HTML 1Page - Texas Instruments AM62P32 Datasheet HTML 2Page - Texas Instruments AM62P32 Datasheet HTML 3Page - Texas Instruments AM62P32 Datasheet HTML 4Page - Texas Instruments AM62P32 Datasheet HTML 5Page - Texas Instruments AM62P32 Datasheet HTML 6Page - Texas Instruments AM62P32 Datasheet HTML 7Page - Texas Instruments AM62P32 Datasheet HTML 8Page - Texas Instruments AM62P32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 238 page
background image
2 Applications
• Industrial Human Machine Interfaces (HMI)
• Appliance User Interface and Connectivity
• Medical Equipment
• Automotive Instrument Clusters
• Automotive Display
• Augmented Reality HUD
3 Description
The AM62Px (P = Plus) is an extension of the existing Sitara™ AM62x low-cost family of application processors
built for high-performance embedded 3D display applications. Scalable Arm® Cortex®-A53 performance and
embedded features, such as: multi-screen high-definition display support, 3D-graphics acceleration, 4K video
acceleration, and extensive peripherals make the AM62Px well-suited for a broad range of automotive and
industrial applications, including automotive digital instrumentation, automotive displays, industrial HMI, and
more.
Key features and benefits:
• Focus on innovation and fast development with Linux® and Android™ SDKs accompanied with real-time
functional safety and security SDKs.
• Address next wave of HMI designs with new generation of 3D GPU and 4K video acceleration.
• Enhance your design connectivity with an extensive set of automotive and high-speed IOs, including: 4x
CAN-FD, 3-port Gigabit Ethernet switch (two external ports) with TSN support, and two USB2.0 ports.
• Supports the latest cybersecurity requirements with the built-in Hardware Security Module (HSM).
• Provides intelligent features, such as: facial recognition and touchless HMI with Arm® Cortex®-A53 CPUs
and open-source AI software and tools
The AM62Px processors comply with the AEC - Q100 automotive standard. ASIL-B functional safety
requirements can be addressed using an integrated Arm Cortex-R5F core and dedicated peripherals, which
can all be isolated from the rest of the processor.
Products in the AM62Px processor family:
AM62P-Q1 – Automotive digital instrumentation SoC with scalable Arm Cortex-A53 performance, multi high-
definition display support, 3D GPU and 4K video acceleration.
Featured design resources:
• Hardware Evaluation Module (EVM) - SK-AM62P-LP
• Software Development Kit (SDK) - PROCESSOR-SDK-AM62P
• Linux Academy
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AM62P54
AM62P54-Q1
AMH (FCBGA, 466)
0.65/0.8mm, with VCA
17mm × 17mm
AM62P52
AM62P52-Q1
AMH (FCBGA, 466)
0.65/0.8mm, with VCA
17mm × 17mm
AM62P34
AM62P34-Q1
AMH (FCBGA, 466)
0.65/0.8mm, with VCA
17mm × 17mm
AM62P32
AM62P32-Q1
AMH (FCBGA, 466)
0.65/0.8mm, with VCA
17mm × 17mm
(1)
For more information, see Mechanical, Packaging, and Orderable Information.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
AM62P, AM62P-Q1
SPRSP89D – DECEMBER 2023 – REVISED APRIL 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM62P AM62P-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com