Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62P32 Datasheet(PDF) 8 Page - Texas Instruments

Part # AM62P32
Description  AM62Px Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62P32 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM62P32 Datasheet HTML 4Page - Texas Instruments AM62P32 Datasheet HTML 5Page - Texas Instruments AM62P32 Datasheet HTML 6Page - Texas Instruments AM62P32 Datasheet HTML 7Page - Texas Instruments AM62P32 Datasheet HTML 8Page - Texas Instruments AM62P32 Datasheet HTML 9Page - Texas Instruments AM62P32 Datasheet HTML 10Page - Texas Instruments AM62P32 Datasheet HTML 11Page - Texas Instruments AM62P32 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 238 page
background image
Table 4-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM62P, AM62P-Q1
AM62P54
AM62P52
AM62P34
AM62P32
General-Purpose Timers
TIMER
14 (4 in MCU and 2 in WKUP)
Global Timer Counter
GTC
1
Enhanced Pulse-Width Modulator Module
EPWM
3
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse Module
EQEP
3
Universal Asynchronous Receiver and Transmitter UART
9
CSI2-RX Controller with DPHY
CSI-RX
1
USB2.0 Controller with PHY
USB 2.0
2
(1)
For more details about the WKUP_CTRL_MMR_CFG0_JTAG_USER_ID register and DEVICE_ID bit field, see the device TRM.
(2)
One flash interface, configured as OSPI0 or QSPI0.
(3)
Functional Safety is available when selecting an orderable part number that includes a feature code of S to Z. Refer to Device Naming
Convention for definition of feature codes.
4.1 Related Products
Sitara™ processors are a broad family of scalable processors based on Arm® Cortex®-A cores with flexible
accelerators, peripherals, connectivity, and unified software support – perfect for sensors to servers. Sitara
processors have the reliability and functional safety support required for use in industrial and automotive
applications.
Sitara™ microcontrollers are best-in-class Arm®-based 32-bit microcontrollers (MCUs) offering a scalable
portfolio of high-performance and power-efficient devices to help meet your system needs. Bring capabilities
such as functional safety, power efficiency, real-time control, advanced networking, analytics, and security to
your designs.
AM64x Sitara™ processors target industrial applications such as Factory Automation and Control (FAC), and
motor control that utilize Linux application processing cores (Cortex®-A53), real-time processing cores (Cortex®-
R5F), and Industrial Communication Subsystems (PRU_ICSSGs) to support protocols such as EtherCAT,
Profinet, or EtherNet/IP. AM64x implements one CPSW3G and two PRU_ICSSGs for supporting up to five
gigabit Ethernet ports. The device also supports an extensive set of peripherals including a single lane of PCIe
Gen2 or USB SuperSpeed Gen1, functional safety options, secure boot, and run-time security.
AM623 Sitara™ processors are an Internet of Things (IoT) and gateway SoC with Arm® Cortex®-A53-based
object and gesture recognition. The low-cost AM623 Sitara™ MPU family of application processors are built for
Linux® application development. With scalable Arm® Cortex®-A53 performance, embedded features such as
dual-display support, and an extensive set of peripherals make the AM623 device well-suited for a broad range
of industrial and automotive applications.
AM625 Sitara™ processors are a human-machine-interaction SoC with Arm® Cortex®-A53-and full-HD dual
display. The low-cost AM625 Sitara™ MPU family of application processors are built for Linux® application
development. With scalable Arm® Cortex®-A53 performance, embedded features such as dual-display support,
3D graphics acceleration, and an extensive set of peripherals make the AM625 device well-suited for a broad
range of industrial and automotive applications.
AM62A3 Sitara™ and AM62A7 Sitara™ processors are an embedded vision SoC that utilizes 1-4x Cortex
A-53 ARM Cores and 1 or 2 TOPS analytics hardware accelerator. This scalable, high performance AM62Ax
Sitara MPU family of application processors are built for Linux application development. AM62Ax is well suited
for a broad range of industrial and automotive applications with embedded features such as h.264/h.265 encode/
decode, secure boot, image signal processing and a deep learning accelerator.
Products to complete your design:
• Ethernet PHYs
• Power-supply solutions
• Power management
AM62P, AM62P-Q1
SPRSP89D – DECEMBER 2023 – REVISED APRIL 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM62P AM62P-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com