Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62P32 Datasheet(PDF) 49 Page - Texas Instruments

Part # AM62P32
Description  AM62Px Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62P32 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM62P32 Datasheet HTML 45Page - Texas Instruments AM62P32 Datasheet HTML 46Page - Texas Instruments AM62P32 Datasheet HTML 47Page - Texas Instruments AM62P32 Datasheet HTML 48Page - Texas Instruments AM62P32 Datasheet HTML 49Page - Texas Instruments AM62P32 Datasheet HTML 50Page - Texas Instruments AM62P32 Datasheet HTML 51Page - Texas Instruments AM62P32 Datasheet HTML 52Page - Texas Instruments AM62P32 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
Table 5-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL TYPE
[2]
DESCRIPTION [3]
AMH PIN [4]
DDR0_PAR
O
DDRSS Command and Address Parity
T1
DDR0_RAS_n (1)
O
DDR4 Row Address Strobe / LPDDR4 Chip Select 0B
P6
DDR0_WE_n
O
DDRSS Write Enable
T4
DDR0_A0
O
DDRSS Address Bus
K5
DDR0_A1
O
DDRSS Address Bus
L2
DDR0_A2
O
DDRSS Address Bus
L3
DDR0_A3
O
DDRSS Address Bus
M2
DDR0_A4
O
DDRSS Address Bus
N2
DDR0_A5
O
DDRSS Address Bus
K2
DDR0_A6
O
DDRSS Address Bus
N3
DDR0_A7
O
DDRSS Address Bus
L1
DDR0_A8
O
DDRSS Address Bus
M1
DDR0_A9
O
DDRSS Address Bus
T2
DDR0_A10
O
DDRSS Address Bus
R2
DDR0_A11
O
DDRSS Address Bus
N5
DDR0_A12
O
DDRSS Address Bus
P3
DDR0_A13
O
DDRSS Address Bus
P2
DDR0_BA0
O
DDRSS Bank Address
N6
DDR0_BA1
O
DDRSS Bank Address
K4
DDR0_BG0
O
DDRSS Bank Group
Y6
DDR0_BG1
O
DDRSS Bank Group
U6
DDR0_CAL0 (2)
A
IO Pad Calibration Resistor
Y5
DDR0_CK0
O
DDRSS Clock
R1
DDR0_CK0_n
O
DDRSS Negative Clock
P1
DDR0_CKE0
O
DDRSS Clock Enable
N4
DDR0_CKE1
O
DDRSS Clock Enable
P5
DDR0_CS0_n (1)
O
DDR4 Chip Select 0 / LPDDR4 Chip Select 0A
L6
DDR0_CS1_n (1)
O
DDR4 Chip Select 1 / LPDDR4 Chip Select 1A
T3
DDR0_DM0
IO
DDRSS Data Mask
C3
DDR0_DM1
IO
DDRSS Data Mask
H3
DDR0_DM2
IO
DDRSS Data Mask
V4
DDR0_DM3
IO
DDRSS Data Mask
AD1
DDR0_DQ0
IO
DDRSS Data
B2
DDR0_DQ1
IO
DDRSS Data
A3
DDR0_DQ2
IO
DDRSS Data
A4
DDR0_DQ3
IO
DDRSS Data
A5
DDR0_DQ4
IO
DDRSS Data
A2
DDR0_DQ5
IO
DDRSS Data
B4
DDR0_DQ6
IO
DDRSS Data
D2
DDR0_DQ7
IO
DDRSS Data
C4
DDR0_DQ8
IO
DDRSS Data
E2
DDR0_DQ9
IO
DDRSS Data
F1
DDR0_DQ10
IO
DDRSS Data
G5
DDR0_DQ11
IO
DDRSS Data
F2
www.ti.com
AM62P, AM62P-Q1
SPRSP89D – DECEMBER 2023 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM62P AM62P-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com