Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A7T Datasheet(PDF) 33 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 29Page - STMicroelectronics LRI64-A7T Datasheet HTML 30Page - STMicroelectronics LRI64-A7T Datasheet HTML 31Page - STMicroelectronics LRI64-A7T Datasheet HTML 32Page - STMicroelectronics LRI64-A7T Datasheet HTML 33Page - STMicroelectronics LRI64-A7T Datasheet HTML 34Page - STMicroelectronics LRI64-A7T Datasheet HTML 35Page - STMicroelectronics LRI64-A7T Datasheet HTML 36Page - STMicroelectronics LRI64-A7T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
LRI64
Command codes
33/52
18.2
Stay Quiet
The Stay Quiet command is always executed in Addressed mode (the Address_Flag is set
to 1).
The Request frame (Figure 24) contains:
●
Request flags (22h, as described in Table 3 and Table 4)
●
Stay Quiet command code (02h, Table 9)
●
Unique ID
●
2-byte CRC (Figure 15)
When receiving the Stay Quiet command, the LRI64 enters the Quiet state and does not
send back a response. There is no response to the Stay Quiet command.
When in the Quiet state:
●
the LRI64 does not process any request in which the Inventory_flag is set
●
the LRI64 responds to commands in the Addressed mode if the UID matches
The LRI64 exits the Quiet state when it is taken to the Power Off state (Figure 19).
Figure 24.
Stay Quiet, request frame format
Figure 25.
Stay Quiet frame exchange between VCD and LRI64
AI09731
Request
SOF
Request
Flags
Command
Code
2-Byte
CRC
Request
EOF
8 bits
22h
8 bits
02h
16 bits
UID
64 bits
AI06842
VCD
SOF
Stay Quiet
Request
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com