Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A7T Datasheet(PDF) 41 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 37Page - STMicroelectronics LRI64-A7T Datasheet HTML 38Page - STMicroelectronics LRI64-A7T Datasheet HTML 39Page - STMicroelectronics LRI64-A7T Datasheet HTML 40Page - STMicroelectronics LRI64-A7T Datasheet HTML 41Page - STMicroelectronics LRI64-A7T Datasheet HTML 42Page - STMicroelectronics LRI64-A7T Datasheet HTML 43Page - STMicroelectronics LRI64-A7T Datasheet HTML 44Page - STMicroelectronics LRI64-A7T Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
LRI64
DC and AC parameters
41/52
Table 14.
AC characteristics
Symbol
Parameter
Test
conditions(1),(2)
1.
TA = –20 to 85 °C
2.
All timing measurements were performed on a reference antenna with the following characteristics:
External size: 75 mm x 48 mm
Number of turns: 6
Width of conductor: 1 mm
Space between 2 conductors: 0.4 mm
Value of the tuning capacitor: 28.5 pF (LRI64-W4)
Value of the coil: 4.3 µH
Tuning Frequency: 14.4 MHz.
Min.
Typ.
Max.
Unit
fC
External RF signal frequency
13.553
13.56
13.567
MHz
MICARRIER 10% carrier modulation index
MI=(A-B)/(A+B)
10
30
%
tRFR, tRFF 10% rise and fall time
0
3.0
µs
tRFSBL
10% minimum pulse width for
bit
7.1
9.44
µs
tJIT
Bit pulse jitter
–2
+2
µs
tMINCD
Minimum time from carrier
generation to first data
From H-field min
0.1
1
ms
fSH
Subcarrier frequency high
fC/32
423.75
kHz
t1
Time for LRI64 response
4352/fC
313
320.9
322
µs
t2
Time between commands
4224/fC
309
311.5
314
µs
tW
Programming time
93297/fC
6.88
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com