Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A7T Datasheet(PDF) 37 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 33Page - STMicroelectronics LRI64-A7T Datasheet HTML 34Page - STMicroelectronics LRI64-A7T Datasheet HTML 35Page - STMicroelectronics LRI64-A7T Datasheet HTML 36Page - STMicroelectronics LRI64-A7T Datasheet HTML 37Page - STMicroelectronics LRI64-A7T Datasheet HTML 38Page - STMicroelectronics LRI64-A7T Datasheet HTML 39Page - STMicroelectronics LRI64-A7T Datasheet HTML 40Page - STMicroelectronics LRI64-A7T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LRI64
Command codes
37/52
18.5
Get System Info
When receiving the Get System Info command, the LRI64 send back its information data in
the response.The Option_Flag is not supported and must be set to 0. The Get System Info
can be issued in both addressed and non addressed modes.
The request frame (Figure 26) contains:
●
Request flags (Table 3 and Table 4)
●
Get System Info command code (2Bh, Table 9)
●
Unique ID (Optional)
●
2-byte CRC (Figure 15)
If there is no error, at the LRI64, the response frame (Figure 27) contains:
●
Response flags (Table 6)
●
Information flags set to 0Fh, indicating the four information fields that are present
(DSFID, AFI, Memory Size, IC Reference)
●
Unique ID
●
DSFID value (as written in block 9)
●
AFI value (as written in block 8)
●
Memory size: for the LRI64, there are 15 blocks (0Eh) of 1 byte (00h).
●
IC Reference: only the 6 most significant bits are used. The product code of the LRI64
is 00 0101b=5d
●
2-byte CRC (Figure 15)
Otherwise, if there is an error, the response frame (Figure 28) contains:
●
Response flags (01h, Table 6)
●
Error Code (0Fh, Table 7)
●
2-byte CRC (Figure 15)
Figure 34.
Get System Info, request frame format
Figure 35.
Get System Info, response frame format, when Error_Flag is not set
Figure 36.
Get System Info, response frame format, when Error_Flag is set
AI09738
Request
SOF
Request
Flags
Command
Code
UID
2-Byte
CRC
Request
EOF
8 bits
8 bits
2Bh
64 bits
16 bits
AI09739
Response
SOF
Response
Flags
Information
Flags
UID
2-Byte
CRC
Response
EOF
8 bits
00h
8 bits
0Fh
64 bits
16 bits
DSFID
8 bits
AFI
8 bits
Memory
Size
16 bits
000Eh
IC
Ref
8 bits
000101xxb
AI09740
Response
SOF
Response
Flags
Error
Code
2-Byte
CRC
Response
EOF
8 bits
01h
8 bits
0Fh
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com