Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WDT550SAPZ Datasheet(PDF) 2 Page - Whirlpool.

Part # WDT550SAPZ
Description  Undercounter Dishwasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDT550SAPZ Datasheet(HTML) 2 Page - Whirlpool.

  WDT550SAPZ Datasheet HTML 1Page - Whirlpool. WDT550SAPZ Datasheet HTML 2Page - Whirlpool. WDT550SAPZ Datasheet HTML 3Page - Whirlpool. WDT550SAPZ Datasheet HTML 4Page - Whirlpool. WDT550SAPZ Datasheet HTML 5Page - Whirlpool. WDT550SAPZ Datasheet HTML 6Page - Whirlpool. WDT550SAPZ Datasheet HTML 7Page - Whirlpool. WDT550SAPZ Datasheet HTML 8Page - Whirlpool. WDT550SAPZ Datasheet HTML 9Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Because Whirlpool Corporation policy includes a continuous commitment
to improve our products, we reserve the right to change materials and
specifications without notice.
Dimensions are for planning purposes only. For complete details, see
Installation Instructions packed with product. Specifications subject to
change without notice.
2
PRODUCT DIMENSIONS
C. 239/16" (599 mm)
C
B
A
D
F
E
PRODUCT DIMENSIONS (FOR PANEL READY MODELS)
C. 239/16" (599 mm)
C
A
B
A
F
D
G*
E
*NOTE
: If a custom toe kick is desired to be installed, adjust the thickness of the custom panel to make it flush with the cabinet
toe kick. Product's original metal toe kick must remain even if custom toe kick is installed.
A. 321/4"-357/16" (820-900 mm)
B. 225/8" (574 mm)
D. 283/8" (721 mm)
E. 141/16" (358 mm)
F. 183/4" (477 mm)
A. 321/4"-357/16" (820-900 mm)
B. 217/8" (555 mm)
D. 183/4" (477 mm)
E. E = A - G
F. 11/16"-13/4" (18-45 mm)
G. 283/8"-2915/16" (720-760 mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com