Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIA1413CMP10 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413CMP10
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413CMP10 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413CMP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
7
2N3906, VDD = 3.3 V, Tdiode = 25°C
Figure 6. External temperature error vs. Filter capacitor
Figure 7. External temperature error vs. Series resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com