Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIA1413CMP10 Datasheet(PDF) 27 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413CMP10
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413CMP10 Datasheet(HTML) 27 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
23
new temperature measurement.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
05h
R/W
Internal High
Limit
128
64
32
16
8
4
2
1
55h
(85°C)
0Bh
06h
R/W
Internal Low
Limit
128
64
32
16
8
4
2
1
00h
(0°C)
0Ch
07h
R/W
External
channel 1
High Limit
high byte
128
64
32
16
8
4
2
1
55h
(85°C)
0Dh
13h
R/W
External
channel 1
High Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h
08h
R/W
External
channel 1
Low Limit
high byte
128
64
32
16
8
4
2
1
00h
(0°C)
0Eh
14h
R/W
External
channel 1
Low Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h
15h
R/W
External
channel 2
High Limit
high byte
128
64
32
16
8
4
2
1
55h
(85°C)
16h
R/W
External
channel 2
Low Limit high
byte
128
64
32
16
8
4
2
1
00h
(0°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com