Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIA1413CMP10 Datasheet(PDF) 25 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1413CMP10
Description  Multiple channel ±1°C Temperature Sensors with Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1413CMP10 Datasheet(HTML) 25 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1413CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIA1413CMP10 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
DIA1413/1414
Version 1.0, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
21
Bit
Name
Description
7
BUSY
This bit indicates whether the ADC is currently converting or not. “1” represents than ADC is currently
converting.
6:5
Reserved
Do not use.
4
HIGH
This bit will be set if any of the channel’s temperature exceeds its programmed High Limit. The
———
ALERT
pin will be asserted once this bit is set.
3
LOW
This bit will be set if any of the channel’s temperature drops below its programmed Low Limit. The
———
ALERT pin will be asserted once this bit is set.
2
FAULT
This bit will be set if any of the external channel fault is detected. The
———
ALERT pin will be asserted once
this bit is set.
1
THERM
This bit will be set if any of the channel’s temperature exceeds its programmed Therm Limit. The
_____
THERM/ADDR pin will be asserted once this bit is set.
0
Reserved
Do not use.
12.3. Configuration register
The configuration register controls the basic operation of the device. It is accessible at either address.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
03h
R/W
Configuration
MASK_
ALL
RUN/
STOP
ALERT/
COMP
Reserved
RANGE
DAVG_
DIS
APDD
00h
09h
Note: R = Read. W = Write.
Bit
Name
Value
Description
7
MASK_ALL
0
(default)
The
———
ALERT pin is not masked. Once the HIGH status, or LOW status or FAULT status bit is
set, the
———
ALERT pin will be asserted.
1
The
———
ALERT pin is masked. It will not be asserted even the HIGH status, and LOW status
and FAULT status bit are set unless the device is configured in comparator mode. No matter
MASK_ALL bit or channel mask register is set or not, the status registers will be updated
normally.
6
RUN/STOP
0
(default)
The device is in the active mode and detecting all channels’ temperatures in real time.
1
The device is in standby mode and not detecting all channels’ temperatures in real time.
5
ALERT/
COMP
0
(default)
The
———
ALERT pin acts in interrupt mode.
1
The
———
ALERT pin acts in comparator mode.
4:3
Reserved
-
Do not use.
2
RANGE
0
(default)
The temperature measurement range is default range: 0°C to 127.9375°.
1
The temperature measurement range is extended range: -64°C to 191.9375°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com