Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR.B Datasheet(PDF) 56 Page - Texas Instruments

Part # AM2434BSDFHIALVR.B
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR.B Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM2434BSDFHIALVR.B Datasheet HTML 52Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 53Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 54Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 55Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 56Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 57Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 58Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 59Page - Texas Instruments AM2434BSDFHIALVR.B Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 282 page
background image
Table 5-1. Pin Attributes (ALV, ANI, ALX Packages) (continued)
ALV
ANI
BALL
NUMBER
[1]
ALX
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL
[7]
BALL
STATE
AFTER
RESET
RX/TX/PULL
[8]
MUX
MODE
AFTER
RESET
[9]
IO
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [14]
Pull
UP/DOWN
TYPE [13]
G15
E16
VPP
VPP
PWR
A1, A21,
A5, A6,
AA1,
AA15,
AA18,
AA21,
C10, C15,
C3, D1,
E11, E13,
F10, F15,
F8, G1,
G16, G3,
G7, G9,
H11, H20,
H21, H6,
H8, J14,
J7, J9,
K6, K8,
L1, L16,
L3, L7,
L9, M10,
M12, M6,
M8, N11,
N13, N15,
N7, N9,
P1, P10,
P18, P6,
P8, R12,
R7, R9,
T10, T11,
T15, T16,
T8, U3,
V17, W10,
W18, Y14,
Y17, Y19
A1, A2,
A20, A21,
AA1, AA2,
AA20,
AA21, B1,
B21, D10,
D16, D17,
E11, E13,
E6, F17,
F8, G16,
H16, H6,
H7, J11,
J16, J5,
J6, K16,
K6, K7,
K8, L10,
L11, L12,
M15,
M16, M7,
N11, N13,
N6, P11,
P15, P16,
P7, R11,
R6, T14,
U6, Y1,
Y21
VSS
VSS
GND
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
56
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com