| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR.B Datasheet(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR.B Datasheet(HTML) 68 Page - Texas Instruments |
|
68 / 282 page ![]() Table 5-34. FSI1 RX Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX1_D0 I FSI Receiver Data 0 W21 Y20 FSI_RX1_D1 I FSI Receiver Data 1 V18 Y19 Table 5-35. FSI1 TX Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_TX1_CLK O FSI Transmitter Clock N16 FSI_TX1_D0 O FSI Transmitter Data 0 P17 FSI_TX1_D1 O FSI Transmitter Data 1 Y18 (1) The FSI1 TX interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-36. FSI2 RX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX2_CLK I FSI Receiver Clock T20 R21 FSI_RX2_D0 I FSI Receiver Data 0 U21 R20 FSI_RX2_D1 I FSI Receiver Data 1 T18 T19 Table 5-37. FSI3 RX Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX3_CLK I FSI Receiver Clock U20 V21 FSI_RX3_D0 I FSI Receiver Data 0 U18 U21 FSI_RX3_D1 I FSI Receiver Data 1 U19 T20 Table 5-38. FSI4 RX Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX4_CLK I FSI Receiver Clock R17 FSI_RX4_D0 I FSI Receiver Data 0 V20 T18 FSI_RX4_D1 I FSI Receiver Data 1 V21 U19 (1) The FSI4 RX interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-39. FSI5 RX Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] FSI_RX5_CLK I FSI Receiver Clock P16 FSI_RX5_D0 I FSI Receiver Data 0 R18 FSI_RX5_D1 I FSI Receiver Data 1 T21 (1) The FSI5 RX interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 5.3.11 GPIO MAIN Domain Instances Table 5-40. GPIO0 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] GPIO0_0 IO General Purpose Input/Output N20 P20 AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 www.ti.com 68 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |