| Electronic Components Datasheet Search |
|
AM2434BSDFHIALVR.B Datasheet(PDF) 93 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2434BSDFHIALVR.B Datasheet(HTML) 93 Page - Texas Instruments |
|
93 / 282 page ![]() Table 5-75. UART0 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] UART0_RXD I UART Receive Data D15 B10 UART0_TXD O UART Transmit Data C16 B11 Table 5-76. UART1 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] UART1_CTSn I UART Clear to Send (active low) D16 C11 UART1_RTSn O UART Request to Send (active low) E16 A11 UART1_RXD I UART Receive Data E15 B12 UART1_TXD O UART Transmit Data E14 A12 Table 5-77. UART2 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] UART2_CTSn I UART Clear to Send (active low) L20, V19, Y1 J20, J3, U18 UART2_RTSn O UART Request to Send (active low) J19, T18, U2 G1, J21, T19 UART2_RXD I UART Receive Data B16, K18, T20, V1, W6 B9, K18, K4, R21, Y3 UART2_TXD O UART Transmit Data A16, K19, R4, U21 A9, J4, K20, R20 Table 5-78. UART3 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] UART3_CTSn I UART Clear to Send (active low) D19, T17, V2 B17, H1, U20 UART3_RTSn O UART Request to Send (active low) C20, R3, U19 C16, F2, T20 UART3_RXD I UART Receive Data AA5, D16, L21, U20, W1 C11, G2, J19, U1, V21 UART3_TXD O UART Transmit Data AA2, E16, K21, U18 A11, J18, K2, U21 Table 5-79. UART4 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] UART4_CTSn I UART Clear to Send (active low) R16, R5, T3, V1 F5, H2, K4, V20 UART4_RTSn O UART Request to Send (active low) R1, R17, T2, W1 F4, G2, H5 UART4_RXD I UART Receive Data A17, L20, V20, W4, Y3 B13, J20, L1, P1, T18 UART4_TXD O UART Transmit Data B17, J19, T1, V21, W5, Y4 A14, E2, J21, P2, T5, U19 Table 5-80. UART5 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] UART5_CTSn I UART Clear to Send (active low) W20, Y13, Y2 L5, W20, Y15 UART5_RTSn O UART Request to Send (active low) T21, V12, V3 AA13, M2 UART5_RXD I UART Receive Data C17, D19, P16, T6, Y5 B14, B17, R2, T4 UART5_TXD O UART Transmit Data C20, D17, R18, W2 A15, C16, J2 www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 93 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |