Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09TE Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 43Page - STMicroelectronics STM32WB09TE Datasheet HTML 44Page - STMicroelectronics STM32WB09TE Datasheet HTML 45Page - STMicroelectronics STM32WB09TE Datasheet HTML 46Page - STMicroelectronics STM32WB09TE Datasheet HTML 47Page - STMicroelectronics STM32WB09TE Datasheet HTML 48Page - STMicroelectronics STM32WB09TE Datasheet HTML 49Page - STMicroelectronics STM32WB09TE Datasheet HTML 50Page - STMicroelectronics STM32WB09TE Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
6.3.6
Embedded reset and power control block characteristics
Table 25. Embedded reset and power control block characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
TRSTTEMPO
Reset temporization after
PDR is detected
VDD rising
-
-
500
μs
VPDR
Power-down reset threshold
-
-
1.58
-
V
VPVD0
PVD0 threshold
PVD0 threshold at the falling edge of VDDIO
-
2.05
-
VPVD1
PVD1 threshold
PVD1 threshold at the falling edge of VDDIO
-
2.21
-
VPVD2
PVD2 threshold
PVD2 threshold at the falling edge of VDDIO
-
2.36
-
VPVD3
PVD3 threshold
PVD3 threshold at the falling edge of VDDIO
-
2.53
-
VPVD4
PVD4 threshold
PVD4 threshold at the falling edge of VDDIO
-
2.64
-
VPVD5
PVD5 threshold
PVD5 threshold at the falling edge of VDDIO
-
2.82
-
VPVD6
PVD6 threshold
PVD6 threshold at the falling edge of VDDIO
-
2.91
-
VPVD7
PVD threshold for VIN_PVD
PVD7 threshold (VBGP) at the falling edge of
VIN_PVD
-
1
-
6.3.7
Supply current characteristics
The current consumption is a function of several parameters and factors such as: the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The MCU is put under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The flash memory access time is adjusted with the minimum wait states number
•
When the peripherals are enabled fPCLK = fHCLK
Table 26. Current consumption
Symbol
Parameter
Conditions
Typ.
Unit
25 °C
85 °C
105 °C
IDD(Run)
Supply current in Run mode(1)
fHCLK = 64 MHz
All peripherals disabled
2349
2428
2476
µA
fHCLK = 32 MHz
All peripherals disabled
1964
2040
2086
fHCLK = 16 MHz
All peripherals disabled
1617
1686
1729
IDD(Deepstop)
Supply current in Deepstop(2)
Clock OFF
742
5197
12499
nA
Clock source LSI
1290
5791
13294
Clock source LSI
RTC ON
1358
5900
13298
Clock source LSI
IWDG ON
1300
5864
13298
Clock source LSI
RTC, LPUART and IWDG ON(3)
1373
5946
13395
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 47/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com