Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09TE Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 56Page - STMicroelectronics STM32WB09TE Datasheet HTML 57Page - STMicroelectronics STM32WB09TE Datasheet HTML 58Page - STMicroelectronics STM32WB09TE Datasheet HTML 59Page - STMicroelectronics STM32WB09TE Datasheet HTML 60Page - STMicroelectronics STM32WB09TE Datasheet HTML 61Page - STMicroelectronics STM32WB09TE Datasheet HTML 62Page - STMicroelectronics STM32WB09TE Datasheet HTML 63Page - STMicroelectronics STM32WB09TE Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
7.3
WLCSP36 package information (B0LY)
This WLCSP is a 36-ball, 2.83 x 2.99 mm, 0.40 mm pitch, wafer level chip scale package.
Figure 19. WLCSP36 - Outline
Z
A
B
C
e1
(0.335)
e
e
e2
e
(0.269)
(0.630)
(0.289)
(0.421)
e
H
K
F
G
A2 BALL LOCATION
BOTTOM VIEW
A1
DETAIL A
A
SIDE VIEW
ccc
ddd
Z
Y
X
eee
b (36x)
Z
A1
1
2
4
3
SEATING PLANE
DETAIL A
ROTATED 90°
BUMP
A2
A3
b
FRONT VIEW
E
aaa
D
TOP VIEW
(4x)
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
bbb Z
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010. The tolerance of position that controls the location of the
pattern of balls with respect to datums X and Y. For each ball there is a cylindrical tolerance zone ccc
perpendicular to datum Z and located on true position with respect to datums X and Y as defined by e. The
axis perpendicular to datum Z of each ball must lie within this tolerance zone.
STM32WB09xE
Package information
DS14210 - Rev 6
page 60/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com