Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09TE Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 49Page - STMicroelectronics STM32WB09TE Datasheet HTML 50Page - STMicroelectronics STM32WB09TE Datasheet HTML 51Page - STMicroelectronics STM32WB09TE Datasheet HTML 52Page - STMicroelectronics STM32WB09TE Datasheet HTML 53Page - STMicroelectronics STM32WB09TE Datasheet HTML 54Page - STMicroelectronics STM32WB09TE Datasheet HTML 55Page - STMicroelectronics STM32WB09TE Datasheet HTML 56Page - STMicroelectronics STM32WB09TE Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max.
Units
FRMToutput
Output data format
-
-
16
-
bits
TL
Latency time
200 kSps
-
5
-
µs
TSTARTUP
Start-up time
From ADC enable to conversion start
-
-
1
µs
DNL
Differential non-linearity
-
-
±0.7
-
LSB
INL
Integral non-linearity
-
-
±1
-
LSB
SNR Diff
Signal to noise ratio
Differential input
@1 kHz, -1 dBFs, FS = 1 MHz with DF
-
72
-
dB
STHD Diff
Signal to THD ratio (10
harmonics)
Differential input
@1 kHz, -1 dBFs, FS = 1 MHz with DF
-
75
-
dB
ENOB Diff
Effective number of bits
Differential input
@1 kHz, -1 dBFs, FS = 1 MHz with DF
-
11.5
-
bits
SNR SE
Signal-to-noise ratio
Single ended
@1 kHz, -1 dBFs, FS = 1 MHz with DF
-
70
-
dB
STHD SE
Signal-to THD ratio (10
harmonics)
Single ended
@1 kHz, -1 dBFs, FS = 1 MHz with DF
-
70
-
dB
ENOB SE
Effective number of bits
Single ended
@1 kHz, -1 dBFs, FS = 1 MHz with DF
-
11
-
bits
-
ADC_ERR_1V7
Absolute error when used for battery
measurements at 1.7 V, 2.4 V, 3.0 V, 3.6 V
-
13
-
mV
-
ADC_ERR_2V4
-
0
-
-
ADC_ERR_3V0
-
-9
-
-
ADC_ERR_3V6
-
-22
-
6.3.19
Temperature sensor characteristics
Table 40. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
TrERR
Error in temperature
-
±4
-
°C
TSLOPE
Average temperature coefficient
-
8
-
LSB/°C
TICC
Current consumption
-
415
-
µA
TTS-out
Output Code at 30°C (+-5°C)
-
-
2533
bit
6.3.20
Timer characteristics
The characteristics below are guaranteed by design.
Table 41. TIM1 characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tres(TIM)
Timer resolution time
fTIMxCLK = 64 MHz
-
15.625
-
ns
ResTIM
Timer resolution
-
-
16
-
bit
tCOUNTER
16-bit counter clock period
fTIMxCLK = 64 MHz
0.015625
-
1024
μs
tMAX_COUNT
Maximum possible count time
fTIMxCLK= 64
-
-
67.10
s
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 53/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com