Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09TEF7TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32WB09TEF7TR
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TEF7TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32WB09TEF7TR Datasheet HTML 6Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 7Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 8Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 9Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 10Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 11Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 12Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 13Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
3.7
RF subsystem
The STM32WB09xE embeds an ultra-low power radio, compliant with Bluetooth® LE specification. The device
radio offers 1 Mbit/s and 2 Mbit/s transfer rates as well as long range options (125 Kbit/s, 500 Kbit/s), supports
multiple roles simultaneously acting at the same time as Bluetooth® LE sensor and hub device.
The Bluetooth® LE protocol stack is implemented by an efficient system partitioned as follows:
•
Hardware part: BlueCore handling time critical and time consuming Bluetooth® LE protocol parts
•
Firmware part: Arm® Cortex®-M0+ core handling non time critical Bluetooth® LE protocol parts
3.7.1
RF front-end block diagram
The RF front-end is based on a direct modulation of the carrier in TX, and uses a low IF architecture in RX mode.
Thanks to an internal transformer with RF pins, the circuit directly interfaces the antenna (single ended
connection, impedance close to 50 Ω). The natural band pass behavior of the internal transformer simplifies
outside circuitry aimed at harmonic filtering and out of band interferer rejection.
In transmit mode, the maximum output power is user selectable through the programmable LDO voltage of the
power amplifier. A linearized, smoothed analog control offers a clean power ramp-up.
In receive mode, the automatic gain control (AGC) can reduce the chain gain at both RF and IF locations, for
optimized interferer rejections. Thanks to the use of complex filtering and highly accurate I/Q architecture, high
sensitivity and excellent linearity can be achieved.
Figure 3. STM3WB09xE RF block diagram
Note:
VFQFPN32: VSS through exposed pad, and VSSRF pins must be connected to ground plane
WLCSP36: VSSRF pins must be connected to ground plane
RADIO_TX_SEQUENCE
RADIO_RX_SEQUENCE
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 10/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com