Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09TEF7TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WB09TEF7TR
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TEF7TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WB09TEF7TR Datasheet HTML 9Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 10Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 11Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 12Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 13Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 14Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 15Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 16Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
3.8.4
Power supply supervisor
The STM3WB09xE device embeds several power and voltage monitors:
•
Power-on-reset (POR): during the power-on, the device remains in reset mode if VDDIO is below a VPOR
threshold (typically 1.65 V)
•
Power-down-reset (PDR): during power-down, the PDR puts the device under reset when the supply
voltage (VDD) drops below the VPDR threshold (around 20 mV below VPOR). The PDR feature is always
enabled
•
Programmable voltage detector (PVD): can be used to monitor the VDDIO (against a programmed
threshold) or an external analog input signal. When the feature is enabled and the PVD measures a
voltage below the comparator, an interrupt is generated (if unmasked)
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 13/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com