Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09TEF7TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WB09TEF7TR
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TEF7TR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WB09TEF7TR Datasheet HTML 1Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 2Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 3Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 4Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 5Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 6Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 7Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 8Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
•
Ultra-low power radio performance
–
12 nA in Shutdown mode (1.8 V)
–
0.9 μA in Deepstop mode (with external LSE, radio wakeup source and RAM retained, 1.8 V)
–
1.2 μA in Deepstop mode (with internal LSI, radio wakeup source and RAM retained, 1.8 V)
–
4.9 mA peak current in TX (@0 dBm, 3.3 V)
–
3.6 mA peak current in RX (@ sensitivity level, 3.3 V)
•
High performance and ultra-low power 32-bit Arm® Cortex®-M0+ , running up to 64 MHz
•
Dynamic current consumption: 14.47 µA/MHz
•
Operating supply voltage: from 1.7 to 3.6 V
•
-40 ºC to 105 ºC temperature range
•
Supply and reset management
–
High efficiency embedded SMPS step-down converter with intelligent bypass mode
–
Ultra-low power power-on-reset (POR) and power-down-reset (PDR)
–
Programmable voltage detector (PVD)
•
Clock sources
–
64 MHz PLL
–
Fail safe 32 MHz crystal oscillator with integrated trimming capacitors
–
32 kHz crystal oscillator
–
Internal low-power 32 kHz RO
•
On-chip non-volatile flash memory of 512 Kbytes with page protection against R/W
•
On-chip RAM of 64 Kbytes and 4 Kbytes PKA RAM
•
One-time-programmable (OTP) memory area of 1 Kbytes
•
Embedded UART bootloader
•
Ultra-low power modes with or without timer and RAM retention
•
Quadrature decoder
•
Enhanced security mechanisms such as:
–
Flash read/write protection
–
SWD disabling
–
Secure bootloader
•
Security features
–
True random number generator (TRNG) compliant with NIST special publication 800-90B
–
Hardware encryption AES maximum 128-bit security co-processor
–
Hardware public key accelerator (PKA)
–
Cryptographic algorithms: RSA, Diffie-Helman, ECC over GF(p)
–
CRC calculation unit
–
64-bit unique ID
•
System peripherals
–
1x DMA controller with 8 channels supporting ADC, SPI, I2C, USART, LPUART, Timers
–
1x SPI with I2S interface multiplexed
–
1x I2C (SMBus/PMBus)
–
1x LPUART (low power)
–
1x USART (ISO 7816 smartcard mode, IrDA, SPI master and modbus)
–
1x independent WDG
–
1x real time clock (RTC)
–
1x independent SysTick
–
1x 16-bit, four channels general purpose timer
–
2x 16-bit, two channels general purpose timer
–
Infrared interface
STM32WB09xE
DS14210 - Rev 6
page 2/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com