Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAM500 Datasheet(PDF) 5 Page - Clarke International

Part # CAM500
Description  20” VENTILATION FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAM500 Datasheet(HTML) 5 Page - Clarke International

  CAM500 Datasheet HTML 1Page - Clarke International CAM500 Datasheet HTML 2Page - Clarke International CAM500 Datasheet HTML 3Page - Clarke International CAM500 Datasheet HTML 4Page - Clarke International CAM500 Datasheet HTML 5Page - Clarke International CAM500 Datasheet HTML 6Page - Clarke International CAM500 Datasheet HTML 7Page - Clarke International CAM500 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
Your ventilation fan should be
supplied with the following parts:
• 4 x castors (2 with brakes)
• 16 bolts, 16 nuts, 16 spring
washers and 32 flat washers.
Bolt the castor assemblies to the
frame as shown using the fastenings
supplied. Install the castors with
brakes at one end of the frame.
This ventilator can be used with
Clarke 20” diameter retractable
ducting available in 5 metre lengths
sold separately as follows:
Orange (3230243) or Yellow (3230286)
1. Before use, attach the ducting to
the discharge end of the
ventilator as shown, secured with
the tie cord provided.
2. Place the ventilator in a level
position on a flat surface and at a safe distance from flammable materials.
3. Set the angle of tilt as required using the hand knob shown.
4. Connect the ventilator to a suitable power outlet. The ventilator is
operated by the ON/OFF switch.
5. Always apply the brakes before operating the ventilator.
MAINTENANCE
Clean the ventilator with a soft damp cloth, Do not use solvents or abrasives.
If used in spaces with high dust content, clean the guards and fan blades by
vacuuming or wiping. Remove the end guard to gain access to the blades by
removing the four securing screws.
REPLACE GUARD BEFORE RE-CONNECTING TO POWER SUPPLY.
WARNING: ALWAYS DISCONNECT FROM THE POWER SUPPLY BEFORE
PERFORMING ANY CLEANING OR MAINTENANCE TASKS. REPAIRS
SHOULD BE CARRIED OUT BY THE CLARKE SERVICE DEPARTMENT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com