Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAM500 Datasheet(PDF) 3 Page - Clarke International

Part # CAM500
Description  20” VENTILATION FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAM500 Datasheet(HTML) 3 Page - Clarke International

  CAM500 Datasheet HTML 1Page - Clarke International CAM500 Datasheet HTML 2Page - Clarke International CAM500 Datasheet HTML 3Page - Clarke International CAM500 Datasheet HTML 4Page - Clarke International CAM500 Datasheet HTML 5Page - Clarke International CAM500 Datasheet HTML 6Page - Clarke International CAM500 Datasheet HTML 7Page - Clarke International CAM500 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DO NOT use the ventilator with wet hands or when there is water on the power
cable.
Young children must be kept away unless supervised.
ELECTRICAL SAFETY
Inspect the power cable/plug for damage/looseness. Do not use the fan if the
power cable is damaged.
Make sure that the voltage on the product label is the same as the voltage of
the power supply. If in doubt, consult a qualified electrician.
DO NOT abuse the electrical cable. Do not use the cable for pulling or
unplugging the fan.
Keep the cable away from sources of heat, oil, sharp edges or moving parts.
Damaged or tangled cables increase the risk of electric shock.
DO NOT use extension cables with this ventilator.
SERVICE & REPAIRS
Check that the fan is in good working order. Take immediate action to have it
repaired or any damaged parts replaced.
DO NOT attempt to repair the ventilator yourself. Always contact the CLARKE
service department who will use recommended parts only. Unapproved parts
may be dangerous and will invalidate your warranty.
ENVIRONMENTAL RECYCLING POLICY
By purchasing this product, the customer is taking on the obligation
to deal with its safe disposal in accordance with the Waste Electrical
and Electronic Equipment regulations (WEEE).
In effect, this means that this product must not be discarded with
general household waste but according to the laws governing Waste
Electrical and Electronic Equipment (WEEE) at a recognized disposal facility.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt as proof of
purchase. This guarantee is invalid if the product is found to have been
abused, tampered with, or not used for the purpose for which it was intended.
Faulty goods must be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com