Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAM500 Datasheet(PDF) 6 Page - Clarke International

Part # CAM500
Description  20” VENTILATION FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAM500 Datasheet(HTML) 6 Page - Clarke International

  CAM500 Datasheet HTML 1Page - Clarke International CAM500 Datasheet HTML 2Page - Clarke International CAM500 Datasheet HTML 3Page - Clarke International CAM500 Datasheet HTML 4Page - Clarke International CAM500 Datasheet HTML 5Page - Clarke International CAM500 Datasheet HTML 6Page - Clarke International CAM500 Datasheet HTML 7Page - Clarke International CAM500 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
No other maintenance is required, should you discover any problem with the
ventilator return it to the CLARKE service department for repair.
Should the fan fail to operate, check the power supply and that the fuse in the
plug has not blown. Abnormal noise while the fan is running may occur if the
fan is not standing on a level surface.
SPECIFICATIONS
Model
CAM500 (230v)
Drum diameter
580 mm
Fan diameter
495 mm
Tilt range
360o
Power supply
230V/50Hz
Duty Cycle Classification:
S1 (continuous)
Electrical Insulation Class
I
Ingress Protection Rating
IP54
Product Weight
43 kg
Sound Power Level
75 dB
Fan rpm@optimum energy efficiency
1400 rpm
Rated flow rate
9900 m3/h (165 m3/min)
Rated air flow @Overall efficiency point
1.0546 m3/s (3796 m3/h)
Rated air flow @ optimum energy efficiency
1.37 m3/s
Rated pressure @ optimum energy efficiency
217.91 Pa
Total pressure
400 Pa
Static pressure
436.4 Pa
Input power
1100W
Overall efficiency
55.34%
Measurement catagory
C
Efficiency catagory
Static
Efficiency grade
40
Specific Ratio
(EU no 327/2011)
N/A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com