Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW032C Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 3Page - STMicroelectronics M58LW032C Datasheet HTML 4Page - STMicroelectronics M58LW032C Datasheet HTML 5Page - STMicroelectronics M58LW032C Datasheet HTML 6Page - STMicroelectronics M58LW032C Datasheet HTML 7Page - STMicroelectronics M58LW032C Datasheet HTML 8Page - STMicroelectronics M58LW032C Datasheet HTML 9Page - STMicroelectronics M58LW032C Datasheet HTML 10Page - STMicroelectronics M58LW032C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7/61
M58LW032C
Figure 2. Logic Diagram
Table 1. Signal Names
AI06208
21
A1-A21
W
DQ0-DQ15
VDD
M58LW032C
E
VSS
16
G
RP
K
VDDQ
VPEN
VSSQ
STS
L
R
A1-A21
Address inputs
DQ0-DQ15
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
K
Clock
L
Latch Enable
R
Valid Data Ready
STS
Status/(Ready/Busy)
RP
Reset/Power-Down
VPEN
Program/Erase Enable
W
Write Enable
VDD
Supply Voltage
VDDQ
Input/Output Supply Voltage
VSS
Ground
VSSQ
Input/Output Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com