Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW032C Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 29Page - STMicroelectronics M58LW032C Datasheet HTML 30Page - STMicroelectronics M58LW032C Datasheet HTML 31Page - STMicroelectronics M58LW032C Datasheet HTML 32Page - STMicroelectronics M58LW032C Datasheet HTML 33Page - STMicroelectronics M58LW032C Datasheet HTML 34Page - STMicroelectronics M58LW032C Datasheet HTML 35Page - STMicroelectronics M58LW032C Datasheet HTML 36Page - STMicroelectronics M58LW032C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
33/61
M58LW032C
Figure 12. Asynchronous Latch Controlled Bus Read AC Waveforms
Note: Asynchronous Read CR15 = 1
Table 16. Asynchronous Latch Controlled Bus Read AC Characteristics
Note: For other timings see Table 15, Asynchronous Bus Read Characteristics.
Symbol
Parameter
M58LW032C
Unit
90
110
tAVLL
Address Valid to Latch Enable Low
Min
0
0
ns
tAVLH
Address Valid to Latch Enable High
Min
10
10
ns
tLHLL
Latch Enable High to Latch Enable Low
Min
10
10
ns
tLLLH
Latch Enable Low to Latch Enable High
Min
10
10
ns
tELLL
Chip Enable Low to Latch Enable Low
Min
0
0
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
ns
tLLQX
Latch Enable Low to Output Transition
Min
0
0
ns
tLLQV
Latch Enable Low to Output Valid
Min
90
110
ns
tLHAX
Latch Enable High to Address Transition
Min
6
6
ns
tGLQX
Output Enable Low to Output Transition
Min
0
0
ns
tGLQV
Output Enable Low to Output Valid
Max
25
25
ns
tEHLX
Chip Enable High to Latch Enable Transition
Min
0
0
ns
L
E
G
A1-A21
DQ0-DQ15
VALID
tEHLX
tLHLL
tLHAX
tAVLL
tELLL
tLLLH
tEHQX
tGHQZ
tLLQV
tGLQV
OUTPUT
tAVLH
tELLH
tGHQX
tLLQX
tEHQZ
tGLQX
AI06256b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com