Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW032C Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58LW032C
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58LW032C Datasheet HTML 43Page - STMicroelectronics M58LW032C Datasheet HTML 44Page - STMicroelectronics M58LW032C Datasheet HTML 45Page - STMicroelectronics M58LW032C Datasheet HTML 46Page - STMicroelectronics M58LW032C Datasheet HTML 47Page - STMicroelectronics M58LW032C Datasheet HTML 48Page - STMicroelectronics M58LW032C Datasheet HTML 49Page - STMicroelectronics M58LW032C Datasheet HTML 50Page - STMicroelectronics M58LW032C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
47/61
M58LW032C
Table 28. CFI - Device Voltage and Timing Specification
Note: 1. Bits are coded in Binary Code Decimal, bit7 to bit4 are scaled in Volts and bit3 to bit0 in mV.
2. Bit7 to bit4 are coded in Hexadecimal and scaled in Volts while bit3 to bit0 are in Binary Code Decimal and scaled in 100mV.
3. Not supported.
Table 29. Device Geometry Definition
Address A21-A1
Data
Description
1Bh
27h (1)
VDD Min, 2.7V
1Ch
36h (1)
VDD max, 3.6V
1Dh
00h (2)
VPP min – Not Available
1Eh
00h (2)
VPP max – Not Available
1Fh
04h
2n µs typical time-out for Word, DWord prog – Not Available
20h
08h
2n µs, typical time-out for max buffer write
21h
0Ah
2n ms, typical time-out for Erase Block
22h
00h (3)
2n ms, typical time-out for chip erase – Not Available
23h
04h
2n x typical for Word Dword time-out max – Not Available
24h
04h
2n x typical for buffer write time-out max
25h
04h
2n x typical for individual block erase time-out maximum
26h
00h (3)
2n x typical for chip erase max time-out – Not Available
Address A21-A1
Data
Description
27h
16h
n where 2n is number of bytes memory Size
28h
01h
Device Interface
29h
00h
Organization Sync./Async.
2Ah
05h
Maximum number of bytes in Write Buffer, 2n
2Bh
00h
2Ch
01h
Bit7-0 = number of Erase Block Regions in device
2Dh
1Fh
Number (n-1) of Erase Blocks of identical size; n=64
2Eh
00h
2Fh
00h
Erase Block Region Information
x 256 bytes per Erase block (128K bytes)
30h
02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com