Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR128EBZB Datasheet(PDF) 86 Page - STMicroelectronics

Part # M58WR128EBZB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EBZB Datasheet(HTML) 86 Page - STMicroelectronics

Back Button M58WR128EBZB Datasheet HTML 79Page - STMicroelectronics M58WR128EBZB Datasheet HTML 80Page - STMicroelectronics M58WR128EBZB Datasheet HTML 81Page - STMicroelectronics M58WR128EBZB Datasheet HTML 82Page - STMicroelectronics M58WR128EBZB Datasheet HTML 83Page - STMicroelectronics M58WR128EBZB Datasheet HTML 84Page - STMicroelectronics M58WR128EBZB Datasheet HTML 85Page - STMicroelectronics M58WR128EBZB Datasheet HTML 86Page - STMicroelectronics M58WR128EBZB Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 87 page
background image
M58WR128ET, M58WR128EB
86/87
REVISION HISTORY
Table 48. Document Revision History
Date
Version
Revision Details
06-Sep-2002
1.0
First Issue
19-Dec-2002
1.1
Device Codes changed. VFBGA60 Package defined. 85ns Speed Class removed,
80ns Speed Class added. 70ns Speed Class characterized (certain timings
modified). Command Interface description of invalid combinations clarified.
Descriptions clarified: Clear Status Register Command, Program/Erase Suspend
Command, Set Configuration Register Command, Factory Program Commands,
WAIT signal’s behavior.
Tables 5, 7, 9 and 10 corrected. Notes to Figures 12, 13 and 14 modified. Flowcharts
and Pseudo Code revised. CFI, Device Geometry Definition table address offsets
35h, 38h reserved. Revision History moved to end of document.
21-May-2003
1.2
Automatic Standby mode explained under Asynchronous Read Mode. Minor text
changes in Clear Status Register Command, Quadruple Enhanced Factory Program
Command and Synchronous Burst Read Mode.
Bank Erase Command moved from the Standard to the Factory Program
Commands. Number of Bank Erase cycles limited to 100. Erase replaced by Block
Erase in Tables 11 and 12, Dual Operations Allowed in Other Banks and the Same
Bank, respectively.
IPP2 parameter for VPP = VPPH removed from Table 18, DC Characteristics -
Currents. Several cross-references corrected.
VDDQ range split into two in Tables 20 and 21, Asynchronous and Synchronous Read
AC Characteristics: for VDDQ = 2.2V to 3.3V, tAVQV1, tELTV, tEHTZ, tEHQZ, tGLQV, tAVLH,
tELLH and tLLLH in Table 20 and all the timings in Table 21 were modified.
Daisy chain information added (see Figures 20 and 21 and Table 27).
Table 30, M58WR128ET - Block Addresses in Main Banks, corrected. CFI
information corrected at offset (P+15)h = 4Eh in Table 40, and at offset (P+38)h =
71h in Table 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com