Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR128EBZB Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58WR128EBZB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EBZB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58WR128EBZB Datasheet HTML 6Page - STMicroelectronics M58WR128EBZB Datasheet HTML 7Page - STMicroelectronics M58WR128EBZB Datasheet HTML 8Page - STMicroelectronics M58WR128EBZB Datasheet HTML 9Page - STMicroelectronics M58WR128EBZB Datasheet HTML 10Page - STMicroelectronics M58WR128EBZB Datasheet HTML 11Page - STMicroelectronics M58WR128EBZB Datasheet HTML 12Page - STMicroelectronics M58WR128EBZB Datasheet HTML 13Page - STMicroelectronics M58WR128EBZB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
M58WR128ET, M58WR128EB
10/87
Figure 4. Memory Map
AI06994
M58WR128ET - Top Boot Block
Address lines A22-A0
8 Main
Blocks
Bank 31
M58WR128EB - Bottom Boot Block
Address lines A22-A0
32 KWord
000000h
007FFFh
32 KWord
038000h
03FFFFh
32 KWord
700000h
707FFFh
32 KWord
738000h
73FFFFh
32 KWord
740000h
747FFFh
32 KWord
778000h
77FFFFh
32 KWord
780000h
787FFFh
32 KWord
7B8000h
7BFFFFh
32 KWord
7C0000h
7C7FFFh
32 KWord
7F0000h
7F7FFFh
4 KWord
7F8000h
7F8FFFh
4 KWord
7FF000h
7FFFFFh
8 Parameter
Blocks
Parameter
Bank
Parameter
Bank
4 KWord
000000h
000FFFh
4KWord
007000h
007FFFh
32 KWord
008000h
00FFFFh
32 KWord
038000h
03FFFFh
32 KWord
040000h
047FFFh
32 KWord
078000h
07FFFFh
32 KWord
080000h
087FFFh
32 KWord
0B8000h
0BFFFFh
32 KWord
0C0000h
0C7FFFh
32 KWord
0F8000h
0FFFFFh
32 KWord
7C0000h
7C7FFFh
32 KWord
7F8000h
7FFFFFh
Bank 3
Bank 2
Bank 1
Bank 31
Bank 3
Bank 2
Bank 1
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
7 Main
Blocks
8 Parameter
Blocks
7 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com