Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR128EBZB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58WR128EBZB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EBZB Datasheet(HTML) 1 Page - STMicroelectronics

  M58WR128EBZB Datasheet HTML 1Page - STMicroelectronics M58WR128EBZB Datasheet HTML 2Page - STMicroelectronics M58WR128EBZB Datasheet HTML 3Page - STMicroelectronics M58WR128EBZB Datasheet HTML 4Page - STMicroelectronics M58WR128EBZB Datasheet HTML 5Page - STMicroelectronics M58WR128EBZB Datasheet HTML 6Page - STMicroelectronics M58WR128EBZB Datasheet HTML 7Page - STMicroelectronics M58WR128EBZB Datasheet HTML 8Page - STMicroelectronics M58WR128EBZB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
1/87
PRODUCT PREVIEW
May 2003
This is preliminary information on a new product now in development. Details are subject to change without notice.
M58WR128ET
M58WR128EB
128 Mbit (8Mb x 16, Multiple Bank, Burst)
1.8V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VDD = 1.65V to 2.2V for Program, Erase and
Read
–VDDQ = 1.65V to 3.3V for I/O Buffers
–VPP = 12V for fast Program (optional)
s
SYNCHRONOUS / ASYNCHRONOUS READ
– Synchronous Burst Read mode: 54MHz
– Asynchronous/ Synchronous Page Read
mode
– Random Access: 70, 80, 100ns
s
SYNCHRONOUS BURST READ SUSPEND
s
PROGRAMMING TIME
– 8µs by Word typical for Fast Factory Program
– Double/Quadruple Word Program option
– Enhanced Factory Program options
s
MEMORY BLOCKS
– Multiple Bank Memory Array: 4 Mbit Banks
– Parameter Blocks (Top or Bottom location)
s
DUAL OPERATIONS
– Program Erase in one Bank while Read in
others
– No delay between Read and Write operations
s
BLOCK LOCKING
– All blocks locked at Power up
– Any combination of blocks can be locked
–WP for Block Lock-Down
s
SECURITY
– 128 bit user programmable OTP cells
– 64 bit unique device number
– One parameter block permanently lockable
s
COMMON FLASH INTERFACE (CFI)
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
Figure 1. Package
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M58WR128ET: 881Eh
– Bottom Device Code, M58WR128EB: 881Fh
VFBGA60 (ZB)
12.5 x 12mm
FBGA


Similar Part No. - M58WR128EBZB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
More results

Similar Description - M58WR128EBZB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Sep-2002
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
19-Feb-2003
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
18-Nov-2004
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
03-Dec-2004
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
08-Oct-2004
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
24-Sep-2004
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
06-Dec-2004
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
Apr-2002
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
28-Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com