Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AF127B Datasheet(PDF) 7 Page - STMicroelectronics

Part # M68AF127B
Description  1Mbit 128K x8, 5V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M68AF127B Datasheet HTML 3Page - STMicroelectronics M68AF127B Datasheet HTML 4Page - STMicroelectronics M68AF127B Datasheet HTML 5Page - STMicroelectronics M68AF127B Datasheet HTML 6Page - STMicroelectronics M68AF127B Datasheet HTML 7Page - STMicroelectronics M68AF127B Datasheet HTML 8Page - STMicroelectronics M68AF127B Datasheet HTML 9Page - STMicroelectronics M68AF127B Datasheet HTML 10Page - STMicroelectronics M68AF127B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
M68AF127B
OPERATION
The M68AF127B has a Chip Enable power down
feature which invokes an automatic standby mode
whenever Chip Enable is de-asserted (E1 = High),
or Chip Select is asserted (E2 = Low). An Output
Enable (G) signal provides a high-speed, tri-state
control, allowing fast read/write cycles to be
achieved with the common I/O data bus. Opera-
tional modes are determined by device control in-
puts W and E1 as summarized in the Operating
Modes table (Table 2).
Read Mode
The M68AF127B is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, Chip Enable (E1) is asserted and Chip Select
(E2) is de-asserted. This provides access to data
from eight of the 1,048,576 locations in the static
memory array, specified by the 17 address inputs.
Valid data will be available at the eight output pins
within tAVQV after the last stable address, provid-
ing G is Low and E1 is Low. If Chip Enable or Out-
put Enable access times are not met, data access
will be measured from the limiting parameter
(tELQV or tGLQV) rather than the address. Data out
may be indeterminate at tELQX and tGLQX, but data
lines will always be valid at tAVQV.
Write Mode
The M68AF127B is in the Write mode whenever
the W and E1 pins are Low and the E2 pin is High.
Either the Chip Enable input (E1) or the Write En-
able input (W) must be de-asserted during Ad-
dress transitions for subsequent write cycles.
Write begins with the concurrence of E1 being ac-
tive with W low. Therefore, address setup time is
referenced to Write Enable and Chip Enable as
tAVWL and tAVEH, respectively, and is determined
by the latter occurring edge.
The Write cycle can be terminated by the earlier
rising edge of E1, or W.
If the Output is enabled (E1 = Low, E2 = High and
G = Low), then W will return the outputs to high im-
pedance within tWLQZ of its falling edge. Care must
be taken to avoid bus contention in this type of op-
eration. Data input must be valid for tDVWH before
the rising edge of Write Enable, or for tDVEH before
the rising edge of E1, whichever occurs first, and
remain valid for tWHDX or tEHDX.
Table 2. Operating Modes
Note: X = VIH or VIL.
Operation
E1
E2
W
G
DQ0-DQ7
Power
Read
VIL
VIH
VIH
VIH
Hi-Z
Active (ICC)
Read
VIL
VIH
VIH
VIL
Data Output
Active (ICC)
Write
VIL
VIH
VIL
X
Data Input
Active (ICC)
Deselect
VIH
X
X
X
Hi-Z
Standby (ISB)
Deselect
X
VIL
X
X
Hi-Z
Standby (ISB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com