Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AF127B Datasheet(PDF) 8 Page - STMicroelectronics

Part # M68AF127B
Description  1Mbit 128K x8, 5V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M68AF127B Datasheet HTML 4Page - STMicroelectronics M68AF127B Datasheet HTML 5Page - STMicroelectronics M68AF127B Datasheet HTML 6Page - STMicroelectronics M68AF127B Datasheet HTML 7Page - STMicroelectronics M68AF127B Datasheet HTML 8Page - STMicroelectronics M68AF127B Datasheet HTML 9Page - STMicroelectronics M68AF127B Datasheet HTML 10Page - STMicroelectronics M68AF127B Datasheet HTML 11Page - STMicroelectronics M68AF127B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
M68AF127B
8/23
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 3. Absolute Maximum Ratings
Note: 1. One output at a time, not to exceed 1 second duration.
2. Up to a maximum operating VCC of 6.0V only.
Symbol
Parameter
Value
Unit
IO
(1)
Output Current
20
mA
TA
Ambient Operating Temperature
–55 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VCC
Supply Voltage
–0.5 to 6.5
V
VIO
(2)
Input or Output Voltage
–0.5 to VCC +0.5
V
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com