Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AF127B Datasheet(PDF) 17 Page - STMicroelectronics

Part # M68AF127B
Description  1Mbit 128K x8, 5V Asynchronous SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M68AF127B Datasheet HTML 13Page - STMicroelectronics M68AF127B Datasheet HTML 14Page - STMicroelectronics M68AF127B Datasheet HTML 15Page - STMicroelectronics M68AF127B Datasheet HTML 16Page - STMicroelectronics M68AF127B Datasheet HTML 17Page - STMicroelectronics M68AF127B Datasheet HTML 18Page - STMicroelectronics M68AF127B Datasheet HTML 19Page - STMicroelectronics M68AF127B Datasheet HTML 20Page - STMicroelectronics M68AF127B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M68AF127B
PACKAGE MECHANICAL
Figure 16. SO32 - 32 lead Plastic Small Outline, Package Outline
Note: Drawing is not to scale.
Table 10. SO32 - 32 lead Plastic Small Outline, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
B
0.36
0.51
0.014
0.020
A
3.00
0.118
A1
0.10
0.004
A2
2.57
2.82
0.101
0.111
C
0.15
0.30
0.006
0.012
CP
0.10
0.004
D
20.14
20.75
0.793
0.817
E
11.18
11.43
0.440
0.450
E1
13.87
14.38
0.546
0.566
e
1.27
–
–
0.050
–
–
L
0.58
0.99
0.023
0.039
L1
1.19
1.60
0.047
0.063
N32
32
E
16
e
A2
D
C
E1
A
17
32
1
B
SO-C
CP
A1
L
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com