Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS310 Datasheet(PDF) 2 Page - Bridgelux, Inc.

Part # DS310
Description  SMD 2835 1W 9V Thrive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS310 Datasheet(HTML) 2 Page - Bridgelux, Inc.

  DS310 Datasheet HTML 1Page - Bridgelux, Inc. DS310 Datasheet HTML 2Page - Bridgelux, Inc. DS310 Datasheet HTML 3Page - Bridgelux, Inc. DS310 Datasheet HTML 4Page - Bridgelux, Inc. DS310 Datasheet HTML 5Page - Bridgelux, Inc. DS310 Datasheet HTML 6Page - Bridgelux, Inc. DS310 Datasheet HTML 7Page - Bridgelux, Inc. DS310 Datasheet HTML 8Page - Bridgelux, Inc. DS310 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Introduction
Features
• Engineered spectra to closely match natural light
• CRI > 95, R1-R15 >90, high Rf and Rg values
• High efficiency full spectrum solution
• No violet chip augmentation
• Hot color targeted
• Industry standard 2835 footprint
• Broad product platform availability (SMDs and COBs)
Benefits
• Full consistent spectrum with fewer spectral spikes
• Natural and vivid color rendering
• Greater energy savings, lower utility costs
• Economical, high efficiency solution
• Uniform and consistent white light under application
conditions
• Ease of design and rapid go-to-market
• Enables greater design flexibility and platform color
consistency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com