Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS310 Datasheet(PDF) 20 Page - Bridgelux, Inc.

Part # DS310
Description  SMD 2835 1W 9V Thrive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS310 Datasheet(HTML) 20 Page - Bridgelux, Inc.

Back Button DS310 Datasheet HTML 14Page - Bridgelux, Inc. DS310 Datasheet HTML 15Page - Bridgelux, Inc. DS310 Datasheet HTML 16Page - Bridgelux, Inc. DS310 Datasheet HTML 17Page - Bridgelux, Inc. DS310 Datasheet HTML 18Page - Bridgelux, Inc. DS310 Datasheet HTML 19Page - Bridgelux, Inc. DS310 Datasheet HTML 20Page - Bridgelux, Inc. DS310 Datasheet HTML 21Page - Bridgelux, Inc. DS310 Datasheet HTML 22Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Bridgelux SMD 2835 1W 9V Thrive Product Data Sheet DS310 Rev. D (03/2024)
18
Packaging
Figure 20: Emitter Reel Packaging Drawings
package1
Note for Figure 20:
1. Drawings are not to scale.
package2
4*55.25K
55.25K
13*4.25K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com