Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS310 Datasheet(PDF) 21 Page - Bridgelux, Inc.

Part # DS310
Description  SMD 2835 1W 9V Thrive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS310 Datasheet(HTML) 21 Page - Bridgelux, Inc.

Back Button DS310 Datasheet HTML 14Page - Bridgelux, Inc. DS310 Datasheet HTML 15Page - Bridgelux, Inc. DS310 Datasheet HTML 16Page - Bridgelux, Inc. DS310 Datasheet HTML 17Page - Bridgelux, Inc. DS310 Datasheet HTML 18Page - Bridgelux, Inc. DS310 Datasheet HTML 19Page - Bridgelux, Inc. DS310 Datasheet HTML 20Page - Bridgelux, Inc. DS310 Datasheet HTML 21Page - Bridgelux, Inc. DS310 Datasheet HTML 22Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Bridgelux SMD 2835 1W 9V Thrive Product Data Sheet DS310 Rev. D (03/2024)
19
Design Resources
Disclaimers
Precautions
Please contact your Bridgelux sales representative for assistance.
MINOR PRODUCT CHANGE POLICY
The rigorous qualification testing on products offered
by Bridgelux provides performance assurance. Slight
cosmetic changes that do not affect form, fit, or function
may occur as Bridgelux continues product optimization.
CAUTION: CHEMICAL EXPOSURE HAZARD
Exposure to some chemicals commonly used in
luminaire manufacturing and assembly can cause
damage to the LED emitter. Please consult Bridgelux
Application Note AN51 for additional information.
CAUTION: EYE SAFETY
Eye safety classification for the use of Bridgelux SMD LED
emitter is in accordance with IEC
specification EN62778: Application of IEC 62471 for the
assessment of blue light hazard to light sources and the
product is classified as Risk Group 2 when operated at or
below the maximum drive current. Please use appropriate
precautions. It is important that employees working with
LEDs are trained to use them safely.
CAUTION: RISK OF BURN
Do not touch the SMD LED emitter during operation. Allow
the emitter to cool for a sufficient period of time before
handling. The SMD LED emitter may reach elevated
temperatures such that could burn skin when touched.
CAUTION
CONTACT WITH LIGHT EMITTING SURFACE (LES)
Avoid any contact with the LES. Do not touch the
LES of the emitter or apply stress to the LES
(yellow phosphor resin area). Contact may cause
damage to the emitter
Optics and reflectors must not be mounted in contact
with the LES (yellow phosphor resin area).
STANDARD TEST CONDITIONS
Unless otherwise stated, LED emitter testing is
performed at the nominal drive current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com