Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6446 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446
Description  Digital Media System-on-Chip
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320DM6446 Datasheet HTML 69Page - Texas Instruments TMS320DM6446 Datasheet HTML 70Page - Texas Instruments TMS320DM6446 Datasheet HTML 71Page - Texas Instruments TMS320DM6446 Datasheet HTML 72Page - Texas Instruments TMS320DM6446 Datasheet HTML 73Page - Texas Instruments TMS320DM6446 Datasheet HTML 74Page - Texas Instruments TMS320DM6446 Datasheet HTML 75Page - Texas Instruments TMS320DM6446 Datasheet HTML 76Page - Texas Instruments TMS320DM6446 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 231 page
background image
3.5.3
Peripheral Selection After Device Reset
TMS320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS283F – DECEMBER 2005 – REVISED MARCH 2008
Table 3-13. DM6446 Multiplexed Peripheral Pins and Multiplexing Controls (continued)
PRIMARY
SECONDARY
TERTIARY
MULTIPLEXED
SECONDARY(1)
TERTIARY(2)
(DEFAULT)
REGISTER/PIN(3)
REGISTER/PIN(3)
PERIPHERALS
FUNCTION
FUNCTION
FUNCTION
CONTROL
CONTROL
ASP, GPIO
GPIO:
ASP:
PinMux1:ASP
GPIO[29:34]
(all pins)(4)
UART0, GPIO
GPIO:
UART0:
PinMux1:UART0
GPIO[35:36]
RXD, TXD
SPI, GPIO
GPIO:
SPI:
PinMux1:SPI
GPIO[37, 39:41]
SPI_EN0,
SPI_CLK,
SPI_DI, SPI_DO
SPI, ATA, GPIO
GPIO:GPIO[42]
SPI: SPI_EN1
ATA: HDDIR
PinMux1:SPI
PinMux0:HDIREN
I2C, GPIO
GPIO:
I2C: SCL, SDA
PinMux1:I2C
GPIO[43:44]
PWM0, GPIO
GPIO:GPIO[45]
PWM0
PinMux1:PWM0
PWM1, VPBE
GPIO:GPIO[46]
VPBE:
PWM1:
PinMux0:RGB666/
PinMux1:PWM1
(RGB666/RGB888),
RGB666/RGB888 PWM1
PinMux0:RGB888
GPIO
R2
PWM2, VPBE
GPIO:GPIO[47]
VPBE:
PWM2:
PinMux0:RGB666/
PinMux1:PWM2
(RGB666/RGB888),
RGB666/RGB888 PWM2
PinMux0:RGB888
GPIO
B2
ClockOut0, GPIO
GPIO:GPIO[48]
CLK_OUT0
PinMux1:CLK0
ClockOut1, TIMER0, GPIO:GPIO[49]
CLK_OUT1
TIMER0:
PinMux1:CLK1
PinMux1:TIM_IN
GPIO
TIM_IN
ATA, GPIO
GPIO:
ATA:
PinMux0:ATAEN
GPIO[50:51]
ATA_CS0,
ATA_CS1
EMIFA, GPIO, ATA
GPIO:GPIO[52]
EMIFA:
ATA (CF):
PinMux0:AEAW[4:0],
PinMux0:ATAEN
(CF)
EM_BA[1]
DA1
Pins:DAEAW[4:0]
EMIFA, HPI, ATA
GPIO:GPIO[53]
EMIFA:
ATA (CF): DA2/
PinMux0:AEAW[4:0],
PinMux0:ATAEN,
(CF), GPIO
EM_A[0]
HPI: HCNTL1
Pins:DAEAW[4:0]
PinMux0:HPIEN,
Pins:BTSEL[1:0] = 10
EMAC, GPIO3V
GPIO:
EMAC:
PinMux0:EMACEN
GPIO3V[0:13]
(all pins, except
CRS)(4)
EMAC, MDIO,
GPIO:
EMAC:
PinMux0:EMACEN
GPIO3V
GPIO3V[14:16]
CRS,
MDIO:
MDIO, MDCLK
UART1, ATA (CF)
N/A
ATA (CF):
UART1: TXD, RXD
PinMux0:ATAEN
PinMux1:UART1
DMACK, DMARQ
UART2, VPFE
VPFE:
UART2:
PinMux1:UART2
CI[7:6]/
UART_RXD2,
CCD_DATA[15:14] UART_TXD2
UART2, VPFE
VPFE:
UART2:
PinMux1:UART2,
CI[5:4]/
UART_CTS2,
PinMux1:U2FLO
CCD_DATA[13:12] UART_RTS2
(4)
See the Terminal Functions section for pin details.
After device reset, the PINMUX0 and PINMUX1 registers are software programmable to allow multiplexing
of shared device pins between peripherals, as given in the Terminal Functions section. Section 3.5.4,
Section 3.5.5, and Section 3.5.6 identify the register settings necessary to configure specific multiplexed
functions and show the primary (default) function after reset.
Submit Documentation Feedback
Device Configurations
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com